Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1507 Datasheet(PDF) 1 Page - ams AG

Part # AS1507
Description  Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1507 Datasheet(HTML) 1 Page - ams AG

  AS1507 Datasheet HTML 1Page - ams AG AS1507 Datasheet HTML 2Page - ams AG AS1507 Datasheet HTML 3Page - ams AG AS1507 Datasheet HTML 4Page - ams AG AS1507 Datasheet HTML 5Page - ams AG AS1507 Datasheet HTML 6Page - ams AG AS1507 Datasheet HTML 7Page - ams AG AS1507 Datasheet HTML 8Page - ams AG AS1507 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AS1507
Dual 256-Tap Digita l Potentiometer with SPI Interface
and High Endurance EEPROM
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 17
1 General Description
The AS1507 is a linear, dual 256-tap digital potentiome-
ter specifically designed to replace discrete/mechanical
potentiometers and is ideal for applications requiring a
low-temperature-coefficient variable resistor.
The device is controlled via a 3-wire SPI-compatible
interface and features an internal EEPROM for storing
wiper positions.
Several device variants are available differentiated by
end-to-end resistance as shown in Table 1 (see also
Ordering Information on page 16).
The 3-wire SPI-compatible serial interface allows com-
munication at data rates up to 5MHz. The internal
EEPROM stores the last wiper position for initialization
during power-up.
The devices are available in an TQFN 3x3mm 16-pin
package.
Figure 1. Block Diagram
2 Key Features
!
High Endurance: EEPROM up to 10M cycles
!
High Reliability: EEPROM up to 150 years data
retention @ 85°C
!
Wiper Position Retained in EEPROM and loaded at
Power-Up
!
256 Tap Positions
!
±0.5LSB DNL in Voltage Divider Mode
!
±0.5LSB INL in Voltage Divider Mode
!
End-to-End Resistance: 10/50/100k
Ω
!
Low End-to-End Resistance Temperature
Coefficient: 90ppm/ºC
!
Low-Power Standby Mode: 100nA
!
5MHz SPI-Compatible Serial Interface
!
Single-Supply Operation: +2.7 to +5.5V
!
TQFN 3x3mm 16-pin Package
3 Applications
The device is ideal for mechanical potentiometer
replacement, low-drift programmable gain amplifiers,
audio volume control, LCD contrast control, and low-drift
programmable filters.
Table 1. Standard Products
Model
End-to-End Resistance (k
Ω)
AS1507-10
10
AS1507-50
50
AS1507-100
100
256-Position
Decoder
16-Bit
EEPROM
8-Bit
Latch
SPI
Interface
8-Bit
Latch
AS1507
256-Position
Decoder
8
25
2
SCLK
1
VDD
3
SDIO
4
CSN
13
LOW A
7
GND
14
WIPER
15
HIGH A
SPI
Interface
8-Bit
Latch
8-Bit
Latch
256-Position
Decoder
8
25
256-Position
Decoder
Power-
On
Reset
12
HIGH B
11
WIPER
10
LOW B
16
MUTE
9
READY


Similar Part No. - AS1507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS150 ETC-AS150 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
MotionKing Motor Indust...
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
logo
Pentair Equipment Prote...
AS150 HOFFMANPRODUCTS-AS150 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Astrodyne Corporation
AS150-12 ASTRODYNE-AS150-12 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
AS150-15 ASTRODYNE-AS150-15 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
More results

Similar Description - AS1507

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162 AD-AD5162 Datasheet
960Kb / 20P
Dual 256-Position SPI Digital Potentiometer
logo
Maxim Integrated Produc...
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
logo
ams AG
AS1506 AMSCO-AS1506 Datasheet
88Kb / 2P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506 AMSCO-AS1506_1 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com