Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1916 Datasheet(PDF) 8 Page - ams AG

Part # AS1916
Description  AS1916 - AS1918
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1916 Datasheet(HTML) 8 Page - ams AG

Back Button AS1916_1 Datasheet HTML 4Page - ams AG AS1916_1 Datasheet HTML 5Page - ams AG AS1916_1 Datasheet HTML 6Page - ams AG AS1916_1 Datasheet HTML 7Page - ams AG AS1916_1 Datasheet HTML 8Page - ams AG AS1916_1 Datasheet HTML 9Page - ams AG AS1916_1 Datasheet HTML 10Page - ams AG AS1916_1 Datasheet HTML 11Page - ams AG AS1916_1 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 13
AS1916 - AS1918
Data Sheet - D e t a i l e d D e s c r i p t i o n
Watchdog Input
The integrated watchdog feature can be used to monitor processor activity via pin WDI, and can detect pulses as short
as 50ns. The watchdog requires that the processor toggle the watchdog logic input at regular intervals, within a speci-
fied minimum timeout period (1.5s, typ). A reset is asserted for the reset timeout period. As long as reset is asserted,
the timer remains cleared and is not incremented. When reset is deasserted, the watchdog timer starts counting
(Figure 11).
Note:
The watchdog timer can be cleared with a reset pulse or by toggling WDI.
Figure 11. Watchdog Timing Relationship
The watchdog is internally driven low during most (87.5%) of the watchdog timeout period (see tWD on page 5) and
high for the rest of the watchdog timeout period. When pin WDI is left unconnected, this internal driver clears the
watchdog timer every 1.4s. When WDI is tri-stated or is not connected, the maximum allowable leakage current is
10µA and the maximum allowable load capacitance is 200pF.
Note:
The watchdog function can be disabled by leaving pin WDI unconnected or connecting it to a tri-state output
buffer.
Manual Reset Input
The active-low pin MRN is used to force a manual reset. This input can be driven by CMOS logic levels or with open-
drain collector outputs.
Pulling MRN low asserts a reset which will remain asserted as long as MRN is kept low, and for the timeout period (see
tRP on page 4) after MRN goes high (140ms min). The manual reset circuitry has an internal 50k
Ω pullup resistor, thus
it can be left open if not used.
To create a manual-reset circuit, connect a normally open momentary switch from pin MRN to GND (see Figure 1 on
page 1); external debounce circuitry is not required in this configuration.
If MRN is driven via long cables or the device is used in a noisy environment, a 0.1µF capacitor between pin MRN and
GND will provide additional noise immunity.
tRST
The RESET signal is the inverse of the RESETN signal.
tWD
VCC
RESETN
WDI
tRP
tRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com