Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS2702 Datasheet(PDF) 4 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 4 Page - ams AG

  AS2702 Datasheet HTML 1Page - ams AG AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 4 of 13
1
0.5
50
100
t/ °C
Pv/ W
1
0.5
50
100
t/ °C
Pv/ W
SOIC20
SOIC16
Figure 2
Max. acceptable power dissipation relative to ambient temperature
Recommended Operating Conditions
Symbol
Parameter
Min
Nom
Max
Unit
Note
VLTGP
Positive supply voltage/dc portion
22.5
34
V
1
ILTG
Supply current consumption
6
mA
2
OA
Ambient temperature
- 25
25
85
°C
3
FC
Quartz frequency
5.333333
MHz
4
Sensitivity against moisture
5
Notes:
1
False-poling protection diode to be inserted between pos. AS-Interface bus line and LTGP-pin. LTGP-pin to be protected
furthermore with a voltage clamp between LTGP and LTGN.
2
Oscillator on; data transmission stage off; no loads connected
3
Power dissipation restrictions as per Figure 2 to be observed
4
AS-Interface Quartz
5
Level 5 acc. to JEDEC-standard JESD22-A112
Supply Pin LTGP
Positive supply pin connected to positive AS-Interface bus line and clamped relative to neg. supply pin/ground LTGN as described
under Recommended Operating Conditions.
VLTGP and ILTG specified under Recommended Operating Conditions as well.
Symbol
Parameter
Min
Nom
Max
Unit
Note
VSIG
VPP of sin2-data-pulses on top of dc supply voltage
3
8
V
Z
Input impedance between 50kHz and 300kHz
40
pF
CCDC = 100nF
18
kOhm
50
mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com