Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8118 Datasheet(PDF) 21 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 21 Page - ams AG

Back Button AS8118_1 Datasheet HTML 17Page - ams AG AS8118_1 Datasheet HTML 18Page - ams AG AS8118_1 Datasheet HTML 19Page - ams AG AS8118_1 Datasheet HTML 20Page - ams AG AS8118_1 Datasheet HTML 21Page - ams AG AS8118_1 Datasheet HTML 22Page - ams AG AS8118_1 Datasheet HTML 23Page - ams AG AS8118_1 Datasheet HTML 24Page - ams AG AS8118_1 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 21 of 30
Digital readout uses the threshold of the comparator internal to the AS8118. Thus, the result, which can be observed on the
CAL pin, is the same as that used internally by the AS8118. Digital readout does NOT allow the quality of the ‘burn’ to be
evaluated.
Analog readout does allow for the verification of the analog value of the zener diodes. With analog readout, the quality of the
‘burn’ can be verified.
In order to verify the ‘burn’ process, an ‘analog readout’ of the zener diodes voltages has to be performed as the last step
after calibration. This can be done during the ‘read’ process, which may be started during calibration mode. The goal is to
verify that burned diodes show a voltage level of not more than 0.5V during the analog readout and the ‘unburned’ diodes a
voltage level of more than 2.4V.
Digital Readout
The AS8118 offers the customer the ability to read the PROM data. For example, it may be necessary to examine if a device
has been calibrated already and what value is correctly stored in the PROM. For the read mode the same two digital inputs
(TM and DIRO) are used as for ‘testwrite’ and ‘burn’. As can be seen in the following timing diagram the read mode is
selected by setting DIRO=1 while there is a rising edge on TM. (This assumes that one of the 3 modes has been completed
or the chip has just been powered up, i.e. the chip expects to enter a new mode.)
The following timing diagram shows the digital readout of the zener diodes:
TM
DIRO
PROG
69
68
67
66
0
1
2
define
read
mode
f1
t2
t3
(DIRO=1)
High
Low
High
Low
High
CAL
High
Low
end
read
Low
Note:
1.
High and Low refers to VDD and VSS respectively.
2.
In this case, the term ‘digital’ means that there is an on-chip comparator, which decides on the values of the bits, 0 or 1,
relative to a certain threshold; it neither guarantees the burned zener diodes voltage level to be below 0.5V (ZVB) nor a
value for unburned zener diodes of higher than 2.4V (ZVUB) as shown in the Operating Conditions.
After starting read mode with each rising edge on DIRO one of the PROM cells is selected. Its content is stored in a separate
internal flip-flop, the output of which can be watched on pin CAL (only during read!). With one additional rising edge on TM
the read mode is left and pin CAL shows the normal pulse output again.
Important: The bits displayed on CAL are the inverse of the PROM contents, i.e. they have to be inverted to match with the
previous PROM contents table.
Important timings are:
f1: Maximum read frequency, for reliable reading this should not be higher than 100kHz.
t2: Delay between the two rising edges: >100ns
t3: Depending on the loading on pin CAL the delay between rising edge on TM and change of data on CAL may vary. A
typical value is 50 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com