Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32GS406 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC33FJ32GS406
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GS406 Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC33FJ32GS406 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 4
Preliminary
 2009 Microchip Technology Inc.
Peripheral Features (Continued)
• UART (up to two modules):
- Interrupt on address bit detect
- Interrupt on UART error
- Wake-up on Start bit from Sleep mode
- 4-character TX and RX FIFO buffers
- LIN bus support
-IrDA© encoding and decoding in hardware
- High-Speed Baud mode
- Hardware Flow Control with CTS and RTS
• Enhanced CAN (ECAN™ module) 2.0B active:
- Up to eight transmit and up to 32 receive buffers
- 16 receive filters and three masks
- Loopback, Listen Only and Listen All
- Messages modes for diagnostics and bus
monitoring
- Wake-up on CAN message
- Automatic processing of Remote
Transmission Requests
- FIFO mode using DMA
- DeviceNet™ addressing support
• Quadrature Encoder Interface (up to 2 modules):
- Phase A, Phase B, and index pulse input
- 16-bit up/down position counter
- Count direction status
- Position Measurement (x2 and x4) mode
- Programmable digital noise filters on inputs
- Alternate 16-bit Timer/Counter mode
- Interrupt on position counter rollover/underflow
High-Speed PWM Module Features:
• Up to nine PWM generators with up to 18 outputs
• Primary and Secondary time-base
• Individual time base and duty cycle for each of the
PWM output
• Dead time for rising and falling edges:
- Duty cycle resolution of 1.04 ns
- Dead-time resolution of 1.04 ns
• Phase shift resolution of 1.04 ns
• Frequency resolution of 1.04 ns
• PWM modes supported:
- Standard Edge-Aligned
- True Independent Output
- Complementary
- Center-Aligned
- Push-Pull
-Multi-Phase
- Variable Phase
- Fixed Off-Time
- Current Reset
- Current-Limit
• Independent Fault/Current-Limit inputs
• Output override control
• Special Event Trigger
• PWM capture feature
• Prescaler for input clock
• Dual Trigger from PWM TO ADC
• PWMxL, PWMxH output pin swapping
• On-the-Fly PWM Frequency, Duty cycle and
Phase Shift changes
• Disabling of Individual PWM generators
• Leading-Edge Blanking (LEB) functionality
High-Speed Analog Comparator:
• Up to four Analog Comparators:
- 20 ns response time
- 10-bit DAC for each analog comparator
- DACOUT pin to provide DAC output
- Programmable output polarity
- Selectable input source
- ADC sample and convert capability
• PWM module interface:
- PWM Duty Cycle Control
- PWM Period Control
- PWM Fault Detect
Interrupt Controller:
• 5-cycle latency
• Up to five external interrupts
• Seven programmable priority levels
• Five processor exceptions
High-Speed 10-bit ADC:
• 10-bit resolution
• Up to 24 input channels grouped into 12
conversion pairs
• Two internal reference monitoring inputs grouped
into a pair
• Successive Approximation Register (SAR)
converters for parallel conversions of analog pairs:
- 4 Msps for devices with two SARs
- 2 Msps for devices with one SAR
• Dedicated result buffer for each analog channel
• Independent trigger source section for each
analog input conversion pairs
Power Management:
• On-chip 2.5V voltage regulator
• Switch between clock sources in real time
• Idle, Sleep, and Doze modes with fast wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com