Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 306 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 306 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 302Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 303Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 304Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 305Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 306Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 307Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 308Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 309Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 306
Preliminary
 2009 Microchip Technology Inc.
22.3
Module Functionality
The high-speed 10-bit ADC is designed to support
power conversion applications when used with the
High-Speed PWM module. The ADC may have one or
two SAR modules, depending on the device variant. If
two SARs are present on a device, two conversions
can be processed at a time, yielding 4 Msps conversion
rate. If only one SAR is present on a device, only one
conversion can be processed at a time, yielding 2 Msps
conversion rate. The high-speed 10-bit ADC produces
two 10-bit conversion results in a 0.5 microsecond.
The ADC module supports up to 24 external analog
inputs and two internal analog inputs. To monitor
reference voltage, two internal inputs, AN24 and AN25,
are connected to the EXTREF and internal band gap
voltages (1.2V), respectively.
The analog reference voltage is defined as the device
supply voltage (AVDD/AVSS).
The ADC module uses the following control and
STATUS registers:
• ADCON: A/D Control Register
• ADSTAT: A/D Status Register
• ADBASE: A/D Base Register
• ADPCFG: A/D Port Configuration Register
• ADPCFG2: A/D Port Configuration Register 2
• ADCPC0: A/D Convert Pair Control Register 0
• ADCPC1: A/D Convert Pair Control Register 1
• ADCPC2: A/D Convert Pair Control Register 2
• ADCPC3: A/D Convert Pair Control Register 3
• ADCPC4: A/D Convert Pair Control Register 4
• ADCPC5: A/D Convert Pair Control Register 5
• ADCPC6: A/D Convert Pair Control Register 6
The ADCON register controls the operation of the
ADC module. The ADSTAT register displays the
status of the conversion processes. The ADPCFG
registers configure the port pins as analog inputs or
as digital I/O. The ADCPCx registers control the
triggering of the ADC conversions. See Register 22-1
through Register 22-12 for detailed bit configurations.
Note:
A unique feature of the ADC module is its
ability
to
sample
inputs
in
an
asynchronous manner. Individual sample
and hold circuits can be triggered
independently of each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com