Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 319 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 319 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 315Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 316Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 317Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 318Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 319Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 320Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 321Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 322Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 319
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
bit 7
IRQEN2: Interrupt Request Enable 2 bit
1 = Enable IRQ generation when requested conversion of channels AN5 and AN4 is completed
0 = IRQ is not generated
bit 6
PEND2: Pending Conversion Status 2 bit
1 = Conversion of channels AN5 and AN4 is pending; set when selected trigger is asserted.
0 = Conversion is complete
bit 5
SWTRG2: Software Trigger 2 bit
1 = Start conversion of AN5 and AN4 (if selected by TRGSRC bits)(1)
This bit is automatically cleared by hardware when the PEND2 bit is set.
0 = Conversion is not started
bit 4-0
TRGSRC2<4:0>: Trigger 2 Source Selection bits
Selects trigger source for conversion of analog channels AN5 and AN4.
00000 = No conversion enabled
00001 = Individual software trigger selected
00010 = Global software trigger selected
00011 = PWM Special Event Trigger selected
00100 = PWM Generator 1 primary trigger selected
00101 = PWM Generator 2 primary trigger selected
00110 = PWM Generator 3 primary trigger selected
00111 = PWM Generator 4 primary trigger selected
01000 = PWM Generator 5 primary trigger selected
01001 = PWM Generator 6 primary trigger selected
01010 = PWM Generator 7 primary trigger selected
01011 = PWM Generator 8 primary trigger selected
01100 = Timer1 period match
01101 = PWM secondary special event trigger selected
01110 = PWM Generator 1 secondary trigger selected
01111 = PWM Generator 2 secondary trigger selected
10000 = PWM Generator 3 secondary trigger selected
10001 = PWM Generator 4 secondary trigger selected
10010 = PWM Generator 5 secondary trigger selected
10011 = PWM Generator 6 secondary trigger selected
10100 = PWM Generator 7 secondary trigger selected
10101 = PWM Generator 8 secondary trigger selected
10110 = PWM Generator 9 secondary trigger selected
10111 = PWM Generator 1 current-limit ADC trigger
11000 = PWM Generator 2 current-limit ADC trigger
11001 = PWM Generator 3 current-limit ADC trigger
11010 = PWM Generator 4 current-limit ADC trigger
11011 = PWM Generator 5 current-limit ADC trigger
11100 = PWM Generator 6 current-limit ADC trigger
11101 = PWM Generator 7 current-limit ADC trigger
11110 = PWM Generator 8 current-limit ADC trigger
11111 = Timer2 period match
REGISTER 22-7:
ADCPC1: A/D CONVERT PAIR CONTROL REGISTER 1 (CONTINUED)
Note 1: The trigger source must be set as a global software trigger prior to setting this bit to ‘1’. If other conversions
are in progress, the conversion will be performed when the conversion resources are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com