Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 372 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 372 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 368Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 369Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 370Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 371Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 372Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 373Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 374Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 375Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 372
Preliminary
 2009 Microchip Technology Inc.
FIGURE 27-9:
HIGH-SPEED PWM MODULE FAULT TIMING CHARACTERISTICS
FIGURE 27-10:
HIGH-SPEED PWM MODULE TIMING CHARACTERISTICS
FLTx
PWMx
MP30
MP20
PWMx
MP11 MP10
Note: Refer to Figure 27-1 for load conditions.
TABLE 27-29: HIGH-SPEED PWM MODULE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
MP10
TFPWM
PWM Output Fall Time
—
2.5
—
ns
MP11
TRPWM
PWM Output Rise Time
—
2.5
—
ns
MP20
TFD
Fault Input
 to PWM
I/O Change
—
—
15
ns
DTC<10> = 10
MP30
TFH
Minimum PWM Fault Pulse Width
8
——
ns
MP31
TPDLY
Tap Delay
1.04
——
ns
ACLK = 120 MHz
MP32
ACLK
PWM Input Clock
—
—
120
MHz
See Note 2
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
This parameter is a maximum allowed input clock for the PWM module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com