Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1790T-3302E/EB Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1790T-3302E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790T-3302E/EB Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1790T-3302E/EB Datasheet HTML 12Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 13Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 14Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 15Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 16Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 17Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 18Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 19Page - Microchip Technology MCP1790T-3302E/EB Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP1790/MCP1791
DS22075A-page 16
© 2008 Microchip Technology Inc.
4.8
Output Current and Current
Limiting
The MCP1790/MCP1791 devices are tested and
ensured to supply a minimum of 70 mA of output
current.
The MCP1790/MCP1791 also incorporate an output
current limit foldback. When the regulator is in an
overcurrent condition, VOUT will decrease with increas-
ing load. When VOUT falls below 30% (typical) of VR,
the output current will start to fold back. The output
current will fold back to less than 100 mA (typical) when
VOUT is near 0 volts.
The 5.0V regulator has an overload current limiting of
approximately 120 mA. If VREG is lower than 3.5V, IOUT
will start to fold back and decrease along with VREG
until IOUT is less than 105 mA and VREG is near 0 volts.
The 3.3V regulator has an overload current limiting of
approximately 130 mA. If VREG is lower than 2.5V, IOUT
will start to fold back and decrease along with VREG
until IOUT is less than 99 mA and VREG is near 0 volts.
FIGURE 4-3:
ESR Curves For Load Capacitor Selection.
Load Capacitor [uF]
ESR Curves
10
1
0.1
0.01
0.001
10
100
1000
1
0.1
Instable
Instable
Instable
Stable only
with Tantalum or
Electrolytic cap.
Stable with
Tantalum,
Electrolytic and
Ceramic cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com