Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F14K50-E/P Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F14K50-E/P
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K50-E/P Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F14K50-E/P Datasheet HTML 35Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 36Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 37Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 38Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 39Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 40Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 41Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 42Page - Microchip Technology PIC18F14K50-E/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 414 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS41350C-page 37
PIC18F1XK50/PIC18LF1XK50
TABLE 3-2:
REGISTER FILE SUMMARY (PIC18F1XK50/PIC18LF1XK50)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on
page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
279, 26
TOSH
Top-of-Stack, High Byte (TOS<15:8>)
0000 0000
279, 26
TOSL
Top-of-Stack, Low Byte (TOS<7:0>)
0000 0000
279, 26
STKPTR
STKFUL
STKUNF
—
SP4
SP3
SP2
SP1
SP0
00-0 0000
279, 27
PCLATU
—
—
—
Holding Register for PC<20:16>
---0 0000
279, 26
PCLATH
Holding Register for PC<15:8>
0000 0000
279, 26
PCL
PC, Low Byte (PC<7:0>)
0000 0000
279, 26
TBLPTRU
—
—
—
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
---0 0000
279, 50
TBLPTRH
Program Memory Table Pointer, High Byte (TBLPTR<15:8>)
0000 0000
279, 50
TBLPTRL
Program Memory Table Pointer, Low Byte (TBLPTR<7:0>)
0000 0000
279, 50
TABLAT
Program Memory Table Latch
0000 0000
279, 50
PRODH
Product Register, High Byte
xxxx xxxx
279, 61
PRODL
Product Register, Low Byte
xxxx xxxx
279, 61
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RABIE
TMR0IF
INT0IF
RABIF
0000 000x
279, 65
INTCON2
RABPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—
RABIP
1111 -1-1
279, 66
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
279, 67
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
279, 43
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
279, 43
POSTDEC0 Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
279, 43
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
279, 43
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register) – value
of FSR0 offset by W
N/A
279, 43
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0, High Byte
---- 0000
279, 43
FSR0L
Indirect Data Memory Address Pointer 0, Low Byte
xxxx xxxx
279, 43
WREG
Working Register
xxxx xxxx
279
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
279, 43
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
279, 43
POSTDEC1 Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
279, 43
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
279, 43
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register) – value
of FSR1 offset by W
N/A
279, 43
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1, High Byte
---- 0000
280, 43
FSR1L
Indirect Data Memory Address Pointer 1, Low Byte
xxxx xxxx
280, 43
BSR
—
—
—
—
Bank Select Register
---- 0000
280, 31
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
280, 43
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
280, 43
POSTDEC2 Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
280, 43
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
280, 43
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register) – value
of FSR2 offset by W
N/A
280, 43
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2, High Byte
---- 0000
280, 43
FSR2L
Indirect Data Memory Address Pointer 2, Low Byte
xxxx xxxx
280, 43
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
280, 41
Legend:
x
= unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise it is disabled and reads as ‘0’. See
Section 23.4 “Brown-out Reset (BOR)”.
2:
The RA3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0). Otherwise, RA3 reads as ‘0’. This bit is
read-only.
3:
Bits RA0 and RA1 are available only when USB is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com