Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F14K50-E/SS Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F14K50-E/SS
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K50-E/SS Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F14K50-E/SS Datasheet HTML 75Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 76Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 77Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 78Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 79Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 80Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 81Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 82Page - Microchip Technology PIC18F14K50-E/SS Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 414 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS41350C-page 77
PIC18F1XK50/PIC18LF1XK50
8.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The
PIC18F1XK50
devices
differ
from
the
PIC18LF1XK50 devices due to an internal Low
Dropout (LDO) voltage regulator. The PIC18F1XK50
contain an internal LDO, while the PIC18LF1XK50 do
not.
The lithography of the die allows a maximum operating
voltage of the nominal 3.6V on the internal digital logic.
In order to continue to support 5.0V designs, a LDO
voltage regulator is integrated on the die. The LDO
voltage regulator allows for the internal digital logic to
operate at 3.3V, while I/O’s operate at 5.0V (VDD).
The LDO voltage regulator requires an external bypass
capacitor for stability. The VUSB pin is required to have
an external bypass capacitor. It is recommended that
the capacitor be a ceramic cap between 0.22 to 0.47 µF.
On power-up, the external capacitor will look like a
large load on the LDO voltage regulator. To prevent
erroneous operation, the device is held in Reset while
a constant current source charges the external
capacitor. After the cap is fully charged, the device is
released from Reset. For more information, refer to
Section 27.0 “Electrical Specifications”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com