Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1301A-APAVMF Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1301A-APAVMF
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-APAVMF Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1301A-APAVMF Datasheet HTML 7Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 8Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 9Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 10Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 11Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 12Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 13Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 14Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21798C-page 11
TC1301A/B
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH. For the TC1301A, VDET = VOUT1, RESET = OPEN, TA = +25°C.
FIGURE 2-31:
RESET Output Voltage Low
vs. Junction Temperature.
FIGURE 2-32:
RESET Output Voltage High
vs. Junction Temperature.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VR1 = 2.8V,VR2 = 2.6V
VDET = VTH - 20 mV
IOL = 3.2 mA
IOL = 1.2 mA
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VR1 = 2.8V,VR2 = 2.6V
VDET = VTH + 20 mV
VDET = 4.2V
RESETISOURCE = 800 µA
VDET = 3.0V
RESETISOURCE = 500 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com