Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/MF Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC12F615-E/MF
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MF Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC12F615-E/MF Datasheet HTML 25Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 26Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 27Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 28Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 29Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 30Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 31Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 32Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 29
PIC12F609/615/617/12HV609/615
REGISTER 3-5:
PMCON1 – PROGRAM MEMORY CONTROL REGISTER 1 (ADDRESS: 93h)
U-1
U-0
U-0
U-0
U-0
R/W-0
R/S-0
R/S-0
—
—
—
—
—WREN
WR
RD
bit 7
bit 0
bit 7
Unimplemented: Read as ‘1’
bit 6-3
Unimplemented: Read as ‘0’
bit 2
WREN: Program Memory Write Enable bit
1
= Allows write cycles
0
= Inhibits write to the EEPROM
bit 1
WR: Write Control bit
1
= Initiates a write cycle to program memory. (The bit is cleared by hardware when write is complete. The
WR bit can only be set (not cleared) in software.)
0
= Write cycle to the Flash memory is complete
bit 0
RD: Read Control bit
1
= Initiates a program memory read (The read takes one cycle. The RD is cleared in hardware; the RD bit
can only be set (not cleared) in software).
0
= Does not initiate a Flash memory read
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com