Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/MF Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC12F615-E/MF
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MF Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC12F615-E/MF Datasheet HTML 143Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 144Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 145Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 146Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 147Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 148Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 149Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 150Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 147
PIC12F609/615/617/12HV609/615
16.3
DC Characteristics: PIC12HV609/615-I (Industrial)
PIC12HV609/615-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010
Supply Current (IDD)(1, 2)
—
160
230
A2.0
FOSC = 32 kHz
LP Oscillator mode
PIC12HV609/615
—
240
310
A3.0
—
280
400
A4.5
D011*
—
270
380
A2.0
FOSC = 1 MHz
XT Oscillator mode
—
400
560
A3.0
—
520
780
A4.5
D012
—
380
540
A2.0
FOSC = 4 MHz
XT Oscillator mode
—
575
810
A3.0
—
0.875
1.3
mA
4.5
D013*
—
215
310
A2.0
FOSC = 1 MHz
EC Oscillator mode
—
375
565
A3.0
—
570
870
A4.5
D014
—
330
475
A2.0
FOSC = 4 MHz
EC Oscillator mode
—
550
800
A3.0
—
0.85
1.2
mA
4.5
D016*
—
310
435
A2.0
FOSC = 4 MHz
INTOSC mode
—
500
700
A3.0
—
0.74
1.1
mA
4.5
D017
—
460
650
A2.0
FOSC = 8 MHz
INTOSC mode
—
0.75
1.1
mA
3.0
—
1.2
1.6
mA
4.5
D018
—
320
465
A2.0
FOSC = 4 MHz
EXTRC mode(3)
—
510
750
A3.0
—
0.770
1.0
mA
4.5
D019
—
2.5
3.4
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 4.5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can
be extended by the formula IR = VDD/2REXT (mA) with REXT in k




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com