Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/MF Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC12F615-E/MF
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MF Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC12F615-E/MF Datasheet HTML 148Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 149Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 150Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 151Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 152Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 153Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 154Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 155Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 152
 2010 Microchip Technology Inc.
16.8
DC Characteristics:
PIC12F609/615/617/12HV609/615-I (Industrial)
PIC12F609/615/617/12HV609/615-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O port:
D030
with TTL buffer
Vss
—
0.8
V
4.5V
 VDD  5.5V
D030A
Vss
—
0.15 VDD
V2.0V
 VDD  4.5V
D031
with Schmitt Trigger buffer
Vss
—
0.2 VDD
V2.0V
 VDD  5.5V
D032
MCLR, OSC1 (RC mode)
VSS
—0.2 VDD
V
(NOTE 1)
D033
OSC1 (XT and LP modes)
VSS
—0.3
V
D033A
OSC1 (HS mode)
VSS
—0.3 VDD
V
VIH
Input High Voltage
I/O ports:
—
D040
with TTL buffer
2.0
—
VDD
V4.5V
 VDD 5.5V
D040A
0.25 VDD + 0.8
—
VDD
V2.0V
 VDD  4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
V2.0V
 VDD  5.5V
D042
MCLR
0.8 VDD
—VDD
V
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
D043A
OSC1 (HS mode)
0.7 VDD
—VDD
V
D043B
OSC1 (RC mode)
0.9 VDD
—VDD
V
(NOTE 1)
IIL
Input Leakage Current(2,3)
D060
I/O ports
—
0.1
1
AVSS VPIN VDD,
Pin at high-impedance
D061
GP3/MCLR(3,4)
—
0.7
5
AVSS VPIN VDD
D063
OSC1
—
0.1
5
AVSS VPIN VDD, XT, HS and
LP oscillator configuration
D070*
IPUR
GPIO Weak Pull-up Current(5)
50
250
400
AVDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage
——
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40°C to +125°C
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40°C to +85°C
VOH
Output High Voltage
VDD – 0.7
—
—
V
IOH = -2.5mA, VDD = 4.5V,
-40°C to +125°C
D090
I/O ports(2)
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V,
-40°C to +85°C
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external
clock in RC mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
4:
This specification applies to GP3/MCLR configured as GP3 with the internal weak pull-up disabled.
5:
This specification applies to all weak pull-up pins, including the weak pull-up found on GP3/MCLR. When GP3/MCLR is
configured as MCLR reset pin, the weak pull-up is always enabled.
6:
Applies to PIC12F617 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com