Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/MF Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC12F615-E/MF
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MF Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC12F615-E/MF Datasheet HTML 166Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 167Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 168Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 169Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 170Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 171Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 172Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 173Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 170
 2010 Microchip Technology Inc.
TABLE 16-18: OSCILLATOR PARAMETERS FOR PIC12F615-H (High Temp.)
TABLE 16-19: COMPARATOR SPECIFICATIONS FOR PIC12F615-H (High Temp.)
Param
No.
Sym
Characteristic
Frequency
Tolerance
Units
Min
Typ
Max
Conditions
OS08
INTOSC Int. Calibrated INTOSC
Freq.(1)
±10%
MHz
7.2
8.0
8.8
2.0V
VDD 5.5V
-40°C
TA 150°C
Note 1:
To ensure these oscillator frequency tolerances, Vdd and Vss must be capacitively decoupled as close to
the device as possible. 0.1 µF and 0.01 µF values in parallel are recommended.
Param
No.
Sym
Characteristic
Units
Min
Typ
Max
Conditions
CM01
VOS
Input Offset Voltage
mV
—
±5
±20
(VDD - 1.5)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com