Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA5292A-99F/00 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA5292A-99F/00
Description  37-40GHz Medium Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5292A-99F/00 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA5292A-99F/00 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5292A-99F/00 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5292A-99F/00 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5292A-99F/00 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5292A-99F/00 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5292A-99F/00 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
37-40GHz Medium Power Amplifier
CHA5292a
Ref. : DSCHA52922149 - 29-May-02
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
120pF
120pF
120pF
120pF
120pF
120pF
120pF
120pF
10nF
10nF
10nF
To Vd1,2 DC Drain Supply
To Vd3,4 DC Drain Supply
To Vg1,2,3,4 DC Gate Supply Feed
IN
OUT
Note : Supply feed should be capacitively bypassed. 25µm diameter gold wire is to be prefered.
Bonding pad positions.
( Chip thickness : 70µm. All dimensions are in micrometers )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com