Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM9301FP Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc.

Part # DM9301FP
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301FP Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc.

Back Button DM9301FP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 22Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
DM9301FP
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
20
Preliminary
Version: DM9301FP-DS-F03
June 06, 2007
MII Application Circuit: DM9301FP QFP (For Reference Only)
DM9301.DSN
1.1
9301 Media Converter
Custom
11
Monday , April 24, 2000
DAVICOM SEMICONDUCTOR, INC.
Title
Size
Document Number
Rev
Date:
Sheet
of
GND
VCC
GND
GND
GND
GND
GND
GND
VCC
GND
GND
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PECLSD+
PECLRXI-
PECLRXI+
VCC_T
VCC_R
VCC_T
GND
PECLTXO-
PECLTXO+
TPTXO+
TPRXI+
TPRXI-
TPTXO-
VCC_T
3.3V
VCC
PECLSD+
PECLRXI-
PECLRXI+
3.3V
GND
VCC
GND
GND
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
VCC
VCC
HLTNOLNK
GND
GND
VCC
PECLRXI-
GND
PECLRXI+
GND
GND
GND
GND
GND
PECLTXO-
PECLTXO+
VCC
VCC
RESET#
VCC_R
VCC_R
VCC
VCC
BPSCRAM
VCC
GND
GND
GND
VCC
VCC
R14
49.9 1%
R7
RJ45
J1
C10
10uf
SMD-B
C5
.1uf /1KV
R8
75 1%
R27
130/83
C24
.1uf
R25
82/ 127
R9
75 1%
R29
374/19.8K
R10
75 1%
U2
PE68515
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
116
15
14
13
12
11
10
9
470 ohm
R6
D6
C9
10uf
SMD-B
R18
49.9 1%
D3
R16
49.9 1%
C8
.1uf
R17
49.9 1%
470 ohm
R3
R21
300/ 182
R19
300/ 182
FX2
HFBR5103T
1
2
3
4
5
6
7
8
9
R22
62/ 69.8
R20
62/ 69.8
C23
.1uf
DM9301F (TCO)
U1
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
32
99
100
31
DGND
HLTNOLNK
TXALPBK
FXALPBK
DVCC
TPEN
MUXCTL1
MUXCTL0
BPSCRAM
DGND
TXD4
TXD3
TXD2
DVCC
TXD1
TXD0
FRCFXSD
DGND
DVCC
DGND
TESTMODE
TRIDRV
RESET#
DVCC
TPMUX
TPI0
TPI1
DGND
TPI2
TPI3
CONFIGA
DVCC
CONFIGB
FXDLPBK
TXDLPBK
DGND
AGND
AGND
AGND
AVCC
C16
.1uf
C15
.1uf
L4
1uH
L3
1uH
C26
.1uf
C25
.01uf
C27
.01uf
C11
.1uf
S1
SW PUSHBUTTON
R23
130/13.2K
C4
.1uf
C17
.01uF
C18
.1uf
C21
.01uf
C19
.01uf
C20
.1uf
C22
.1uf
R26
82/127
R12
0 Ohm
R13
0 Ohm
L1 Ferrite Hi current
J?
CON4
1
2
3
4
J?
CON4
1
2
3
4
L2 Ferrite Hi current
C12
.1uf
C29
.1uf
C28
.01uf
C14
18pF
470 ohm
R2
D2
3.3V SOT-223
800ma
U3
3
2
Vin
Vout
D1
470 ohm
R1
C2
.1uf
C3
.01uf
C1
10uf
SMD-B
R28
130/ 83
470 ohm
R4
LED
D4
J2
Power Jack
C6
.1uf
D5
470 ohm
R5
R30
130 /83
R24
82/ 127
FX1
V23818-C8-V10
1
2
3
4
5
6
7
8
9
C7
10uf
SMD-B
Y1
25M
C13
18pF
R11
10K
Plus 5 volt D.C. input
Locate near U1's VCC & Ground Pins
Physically place caps on SOLDER
SIDE.
Digital Ckt Power & Ground Area
TX CKT POWER/GROUND AREA
BYPASS CAPACITOR FOR U1
place caps close
to U1 pins
Halt If No Link
Place these components as
close to Optics as
possible.
Both LEDs in one package.
D2 is upper LED (TxLnk)
Load ONLY R12 OR R13
R12=+5V for HFBR Large Optic
R13=3.3V for Siemans V23812 Optic.
Disable Scrambler
Isolation Barrier.
No Power under this area.
All these components and their traces should
not intersect other areas.
This node will be 3.3V or 5V
depending on strapping.
R19
182
300
R20
69.8
62
R21
182
300
R22
69.8
62
R23
13.2K
130
R24
127
82
optic
FX1
FX2
U3
In
out
C10
In
out
C11
In
out
R25
127
82
R26
127
82
R12
out
0
R13
0
out
R27
83
130
R28
83
130
R29
19.8K
374
R30
83
130
Pop Table For :
3.3V
5.0V
place caps close
to U1 pins
Load
ONLY for 3.3V
Siemans V23812 Optics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com