Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS8GSDHC2 Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS8GSDHC2
Description  4~32GB High Capacity Secure Digital Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GSDHC2 Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS8GSDHC2 Datasheet HTML 3Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 4Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 5Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 6Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 7Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 8Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 9Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 10Page - Transcend Information. Inc. TS8GSDHC2 Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
7
Output Delay time during Data Transfer Mode
tODLY
0
14
ns
CL ≤ 40 pF, (1 card)
Output Delay time during Identification Mode
tODLY
0
50
ns
CL ≤ 40 pF, (1 card)
(1) 0 Hz means to stop the clock. The given minimum frequency range is for cases were continues clock is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com