Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLT250 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLT250
Description  NPN Silicon Phototransistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLT250 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLT250 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLT250
PRELIMINARY
NPN Silicon Phototransistor
Clairex
Technologies, Inc.
features
• ±18° acceptance angle
• Miniature hermetic package
• High sensitivity
• Spectrally matched to the CLE250
• RoHS compliant
description
The CLT250 is an NPN silicon
phototransistor mounted in a
hermetically sealed package with a
glass lens. This package is
ideally suited for mounting into
double-sided PC boards and is
capable of reliable operation over a
wide temperature range.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ....................................................................... -65°C to +150°C
operating temperature .................................................................... -65°C to +125°C
lead soldering temperature
(1) .......................................................................... 260°C
collector-emitter voltage...................................................................................... 30V
emitter-collector voltage........................................................................................ 5V
continuous power dissipation
(2)..................................................................... 125mW
notes:
1.
5 seconds maximum.
2.
Derate linearly 1.0mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
June, 2006
electrical characteristics (at TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IL
Light current
(3)
7.0
-
-
mA
VCE = 5V, H = 20mW/cm
2
ICEO
Collector dark current
-
-
100
nA
VCE = 10V, H = 0
V(BR)CEO
Collector-emitter breakdown voltage
30
-
-
V
VCE = 10V, IC = 100µA
V(BR)ECO
Emitter-Collector breakdown voltage
5.0
-
-
V
VCE = 10V, IE = 100µA
VCE(SAT)
Collector-emitter saturation voltage
-
-
0.4
V
IC = 1mA, H = 20mW/cm
2
ΘHP
Total angle at half sensitivity points
-
36
-
deg.
tr, tf
Radiation rise and fall time
-
15
-
µs
VCE = 5V, IC = 1mA, RL = 1KΩ
notes: 3. The radiation source is a tungsten lamp operating at a color temperature of 2854°K.
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
0.125 (3.18)
0.102 (2.59)
0.062 (1.57)
0.057 (1.45)
0.090 (2.29)
0.080 (2.03)
0.007 (0.18)
0.003 (0.08)
0.093 (2.36)
0.083 (2.11)
0.024 (0.61)
0.016 (0.41)
COLLECTOR
EMITTER
Revised 4/22/06


Similar Part No. - CLT250

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CLT25F-.75M20 PANDUIT-CLT25F-.75M20 Datasheet
96Kb / 3P
ELECTRICAL SOLUTIONS
CLT25F-.75M3 PANDUIT-CLT25F-.75M3 Datasheet
96Kb / 3P
ELECTRICAL SOLUTIONS
CLT25F-.75M4 PANDUIT-CLT25F-.75M4 Datasheet
96Kb / 3P
ELECTRICAL SOLUTIONS
CLT25F-.75M630 PANDUIT-CLT25F-.75M630 Datasheet
96Kb / 3P
ELECTRICAL SOLUTIONS
CLT25F-10M20 PANDUIT-CLT25F-10M20 Datasheet
96Kb / 3P
ELECTRICAL SOLUTIONS
More results

Similar Description - CLT250

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com