Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS2GCF133 Datasheet(PDF) 50 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 50 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 46Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 47Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 48Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 49Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 50Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 51Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 52Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 53Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 54Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
50
Device Control Register (Address - 3F6h[376h]; Offset Eh)
This register is used to control the CompactFlash Storage Card interrupt request and to issue an ATA soft
reset to the card. This register can be written even if the device is BUSY. The bits are defined as follows:
Bit 7: this bit is ignored by the CompactFlash Storage Card. The host software should set this bit to 0.
Bit 6: this bit is ignored by the CompactFlash Storage Card. The host software should set this bit to 0.
Bit 5: this bit is ignored by the CompactFlash Storage Card. The host software should set this bit to 0.
Bit 4: this bit is ignored by the CompactFlash Storage Card. The host software should set this bit to 0.
Bit 3: this bit is ignored by the CompactFlash Storage Card. The host software should set this bit to 0.
Bit 2 (SW Rst): this bit is set to 1 in order to force the CompactFlash Storage Card to perform an AT Disk
controller Soft Reset operation. This does not change the PCMCIA Card Configuration Registers as a
hardware Reset does. The Card remains in Reset until this bit is reset to ‘0.’
Bit 1 (-IEn): the Interrupt Enable bit enables interrupts when the bit is 0. When the bit is 1, interrupts from
the CompactFlash Storage Card are disabled. This bit also controls the Int bit in the Configuration and
Status Register. This bit is set to 0 at power on and Reset.
Bit 0: this bit is ignored by the CompactFlash Storage Card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com