Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBCFDFSS15E2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCFDFSS15E2
Description  FILTERED D CONNECTORS SOLDER PIN STRAIGHT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCFDFSS15E2 Datasheet(HTML) 1 Page - Dubilier

  DBCFDFSS15E2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
271
FILTERED D CONNECTORS
SOLDER PIN STRAIGHT
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
9, 15, 25, or 37 way
Turned Pin (Machined) Contact
Gold Plated Contacts
Metal Housing
Current Rating - 5Amps
Four standard capacitor values
10ϒ
A
C
B
SOCKET
1.2±0.2
C
B
PLUG
A
12.93-0.76
12.93-0.76
4.5
10ϒ
ø3+0.2
ø0.6
1.4±0.2
ø3+0.2
8.02-0.25
10.87-0.25
15.75-0.76
10.25
6.3±0.25
4.5
8.23+0.25
10.95+0.25
15.75-0.76
15.75-0.76
ø0.6
+0.5
-0.2
10.25 +0.5
-0.2
D
5.5
5.5
DBC
FD
M
SS
Dubilier
Connectors
Series
FD=FilteredD
ConnectorType
M=Male(plug)
F=Female(socket)
ContactStyle
SS=SolderStraight
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
CapacitorValue
A=144pF-216pF
B=296pF-444pF
D=664pF-996pF
E=1040pF-1560pF
QualityClass
3=class3
2=class2
1=class1
09
E
3
No. of pos. A -0.76
B -0.25
C
9
31.19
16.46
25.00
15
39.52
24.79
33.30
25
53.42
38.50
47.04
37
69.70
54.96
63.50
50
67.31
52.55
61.10
+0.12
- 0.13
+0.12
- 0.13
+0.14
- 0.11
±0.13
±0.13
No. of pos. A -0.76
B +0.25
C
D -0.30
9
31.19
16.79
25.00
6.12
15
39.52
25.12
33.30
6.12
25
53.42
38.84
47.04
5.99
37
69.70
55.30
63.50
5.99
50
67.31
52.68
61.10
5.99
+0.12
- 0.13
+0.12
- 0.13
+0.14
- 0.11
±0.13
±0.13
Insulators:
PolyesterGFUL94V-0
Contacts:
Copperalloy
Contact finish:
Hard-Gold-platedovernickel,solderarea
Tinplated
Housing:
Steeltinplated
Working voltage:
100VDC
InsulationGr.AaccordingtoVDE0110
Dielectric stand. voltage:
424VDC707VDC
StandardHighvoltage
Contact resistance:
Max10mΩ
Insulation resistance:
≤1GΩ@100VDC
Current rating:
5,0A(20°C)
Voltage surge 10/700 µ:
300V500V
StandardHighvoltage
Mating / Unmating forces: 9-pol.<3015-pol.<50
25-pol.<8337-pol.<123
50-pol.<167
Temperature
range working:
-25°to+105°C
Humidity:
40°C/85%
Capacitor values:
TypA,180pF
TypB,370pF
TypD,830pF
Quality class:
TypE.1300pF
Qualityclass3=50matingcycles
Qualityclass2=200matingcycles
Qualityclass1=500matingcycles


Similar Part No. - DBCFDFSS15E2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFDFSS15A3 DUBILIER-DBCFDFSS15A3 Datasheet
447Kb / 3P
FILTERED D CONNECTORS SOLDER BUCKET
More results

Similar Description - DBCFDFSS15E2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3 Datasheet
121Kb / 1P
FILTERED D CONNECTORS SOLDER BUCKET
DBCFDMSR09E3 DUBILIER-DBCFDMSR09E3 Datasheet
126Kb / 1P
FILTERED D CONNECTORS SOLDER PIN RIGHT ANGLE
DBCHDFSS26S DUBILIER-DBCHDFSS26S Datasheet
205Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER PIN STRAIGHT
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
logo
Amphenol Corporation
FCC17-XXXXM-XX0X AMPHENOL-FCC17-XXXXM-XX0X Datasheet
124Kb / 1P
FCC 17 FILTERED D-SUB CONNECTOR, PIN & SOCKET, SOLDER CUP CONTACTS
FCE17-XXXXM-XX0X AMPHENOL-FCE17-XXXXM-XX0X Datasheet
164Kb / 1P
FCEC17 SERIES FILTERED D-SUB CONNECTOR, PIN & SOCKET, SOLDER CUP CONTACTS, RoHS COMPLIANT
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3_11 Datasheet
447Kb / 3P
FILTERED D CONNECTORS SOLDER BUCKET
DBCTDM1SB093 DUBILIER-DBCTDM1SB093 Datasheet
499Kb / 4P
D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
logo
List of Unclassifed Man...
56-F011-110-JP ETC2-56-F011-110-JP Datasheet
1Mb / 5P
Micro D Series Filtered Connectors
logo
Amphenol Communications...
P-FCE17-XXXXM-XX0X AMPHENOLCS-P-FCE17-XXXXM-XX0X Datasheet
118Kb / 1P
FCE17 SERIES FILTERED D-SUB CONNECTOR, PIN & SOCKET, SOLDER CUP CONTACTS, RoHS COMPLIANT
Rev. F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com