Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLFGE23TP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLFGE23TP
Description  TOSHIBA InGaA?밣 LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLFGE23TP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLFGE23TP Datasheet HTML 1Page - Toshiba Semiconductor TLFGE23TP Datasheet HTML 2Page - Toshiba Semiconductor TLFGE23TP Datasheet HTML 3Page - Toshiba Semiconductor TLFGE23TP Datasheet HTML 4Page - Toshiba Semiconductor TLFGE23TP Datasheet HTML 5Page - Toshiba Semiconductor TLFGE23TP Datasheet HTML 6Page - Toshiba Semiconductor TLFGE23TP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLPGE23TP(F),TLFGE23TP(F),TLGE23TP(F),TLPYE23TP(F)
2005-09-12
2
Electrical and Optical Characteristics (Ta
= 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLPGE23TP(F)
558
(562)
14
20
850
3000
20
2.1
2.4
20
50
4
TLFGE23TP(F)
565
(568)
15
20
1530
5000
20
2.0
2.4
20
50
4
TLGE23TP(F)
571
(574)
17
20
2720
7000
20
2.0
2.4
20
50
4
TLPYE23TP(F)
580
(583)
14
20
2720
8000
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com