Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF905C1 Datasheet(PDF) 2 Page - Marktech Corporate

Part # LSF905C1
Description  Infrared Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LSF905C1 Datasheet(HTML) 2 Page - Marktech Corporate

  LSF905C1 Datasheet HTML 1Page - Marktech Corporate LSF905C1 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LSF905C1
Infrared Emitting Diode
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25℃)
SYMBOL
MIN
TYP
MAX
UNIT
PO
6.0
mW
VF
1.3
1.6
V
IR
100
μ
A
λ
p
910
nm
Δλ
60
nm
θ
±25
deg.
Tr
−
n
S
Tf
−
n
S
Cj
70
pF
P/T
-0.5
%/℃
V/T
-1.6
mV/℃
CONDITIONS
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
IFP=50mA
IFP=50mA
1MHz ,V=0V
IF=10mA
IF=10mA
I T E M
Power Output
Forward Voltage
Reverse Current
Temp. Coefficient of VF
Peak Wavelength
Spectral Line Half Width
Half Intensity Beam Angle
Rise Time
Fall Time
Junction Capacitance
Temp. Coefficient of PO
THERMAL DERATING CURVE
0
10
20
30
40
50
60
70
80
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)
FORWARD I-V CHARACTERISTICS
0
10
20
30
40
50
60
70
80
0
1
2
3
FORWARD VOLTAGE(V)
POWER OUTPUT vs TEMPERATURE
IF=10mA
0
20
40
60
80
100
120
140
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)
1000
RADIATION PATTERN
0
20
40
60
80
100
120
-90
-60
-30
0
30
60
90
BEAM ANGLE(deg.)
RELATIVE POWER vs FORWARD
CURRENT
0
50
100
150
200
250
300
350
400
0
20
40
60
80
FORWARD CURRENT(mA)
FORWARD VOLTAGE vs
TEMPERATURE
IF=10mA
1
1.1
1.2
1.3
1.4
1.5
1.6
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com