Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL384XAP8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # PL384XAP8
Description  High Performance Current Mode PWM Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL384XAP8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL384XAP8 Datasheet HTML 1Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 2Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 3Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 4Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 5Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 6Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 7Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 8Page - Cystech Electonics Corp. PL384XAP8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C510P8-A
Issued Date : 2003.08.12
Revised Date :
Page No. : 2/15
PL384XAP8
CYStek Product Specification
Absolute Maximum Ratings
Symbol Parameter
Value
Unit
VI
Supply Voltage (low impedance source)
30
V
VI
Supply Voltage (Ii<30mA)
Self Limiting
IO
Output Current
±
1
A
EO
Output Energy (capacitive load)
5
µJ
Analog Inputs (pins 2, 3)
-0.3 to 5.5
V
Error Amplifier Output Sink Current
10
mA
Ptot
Power Dissipation at Tamb≤ 25℃
1.25
W
Tstg
Storage Temperature Range
-65 to +150
℃
TJ
Junction Operating Temperature
-40 to +150
℃
TL
Lead Temperature (soldering 10s)
300
℃
Note : All voltages are with respect to pin 5, all currents are positive into the specified terminal.
Pin Connection (top view)
Pin Functions
No Function
Description
1
COMP
This pin is the Error Amplifier output and is made available for loop compensation.
2
VFB
This is the inverting input of the Error Amplifier. It is normally connected to the switching
power supply output through a resistor divider.
3
ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses this
information to terminate the output switch conduction.
4
RT/CT
The oscillator frequency and maximum output duty cycle are programmed by connecting
resistor RT to VREF and capacitor CT to ground. Operation to 500kHz is possible.
5
GROUND
This pin is the combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1A are sourced
and sunk by this pin.
7
VCC
This pin is the positive supply of the control IC.
8
VREF
This is the reference output. It provides charging current for capacitor CT through resistor RT.
Thermal Data
Symbol
Description
Value
Unit
Rth, j-amb
Thermal Resistance, junction to ambient
100
℃
/W
COMP
VFB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com