Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP1237AD65R2G Datasheet(PDF) 32 Page - ON Semiconductor

Part # NCP1237AD65R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237AD65R2G Datasheet(HTML) 32 Page - ON Semiconductor

Back Button NCP1237AD65R2G Datasheet HTML 26Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 27Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 28Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 29Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 30Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 31Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 32Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 33Page - ON Semiconductor NCP1237AD65R2G Datasheet HTML 34Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
NCP1237
http://onsemi.com
32
Controller Operation (Autorecovery Version: B Option)
Figure 30. Controller Operation State Diagram (Autorecovery Overload Protection)
Stopped
Running
S Fault
S Brown-out
S HV OVP
S TSD
VCC > VCC(on)
S tautorec counting
S Brown-out
S HV OVP
S TSD
Skip out
With Fault =
S tfault or ttran expires
S VCS > VCS(stop)
S VCC < VCC(off)
Soft−start
Soft−skip
S Soft-skip ends
S VFB > VFB(fold)
Soft-start ends
Skip
Skip in
S Brown-out
S HV OVP
S TSD
S Brown-out
S HV OVP
S TSD
S Brown-out
S HV OVP
S TSD
Latch
S Brown-out
S VCC reset
High Latch
S High Latch
S Low Latch
S High Latch
S Low Latch
S High Latch
S Low Latch
Table 1. ORDERING INFORMATION
Part No.
Overload Protection
Switching Frequency
Package
Shipping†
NCP1237AD65R2G
Latched
65 kHz
SOIC−7
(Pb−Free)
2500 / Tape & Reel
NCP1237BD65R2G
Autorecovery
65 kHz
SOIC−7
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com