Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLRH1102B Datasheet(PDF) 9 Page - Marktech Corporate

Part # TLRH1102B
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH1102B Datasheet(HTML) 9 Page - Marktech Corporate

Back Button TLRH1102B Datasheet HTML 5Page - Marktech Corporate TLRH1102B Datasheet HTML 6Page - Marktech Corporate TLRH1102B Datasheet HTML 7Page - Marktech Corporate TLRH1102B Datasheet HTML 8Page - Marktech Corporate TLRH1102B Datasheet HTML 9Page - Marktech Corporate TLRH1102B Datasheet HTML 10Page - Marktech Corporate TLRH1102B Datasheet HTML 11Page - Marktech Corporate TLRH1102B Datasheet HTML 12Page - Marktech Corporate TLRH1102B Datasheet HTML 13Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
9
Packaging
These LED devices are packed in an aluminum envelope with silica gel and a moisture indicator to prevent
moisture absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air
before soldering and they should therefore be stored under the following conditions:
1. This moisture-proof bag may be stored unopened for up to 12 months under the following conditions.
Temperature: 5
°C~30°C
Humidity: 90% (max)
2. After the moisture-proof bag has been opened, the devices should be assembled within 168 hours in an
environment of 5°C to 30°C/60% RH or below.
3. If, upon opening, the moisture indicator card shows humidity of 30% or above (when the indication color
changes to pink) or the expiration date has passed, the devices should be baked while packed in the tape reel.
After baking, use the baked devices within 72 hours, but perform baking only once.
Baking conditions: 60
±5°C, for 12 to 24 hours.
Expiration date: 12 months from the sealing date, which is imprinted on the same side as this label.
4. Repeated baking can cause the peeling strength of the tape to change, leading to trouble in mounting. Also, be
sure to prevent damage to the device from static electricity during the baking process.
5. Any breakage in the laminate packing material will cause the hermeticity of the product to deteriorate. Do
not toss or drop the packed devices.
Mounting Method
Soldering
• Reflow soldering
• The products are evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
• Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of
opening the package.
• Second reflow soldering
In case of second reflow soldering should be performed within 168 h of the first reflow under the above
conditions.
Storage conditions before the second reflow soldering: 30
°C, 60% RH (max)
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron
: 25 W
Temperature
: 300
°C or less
Time
: within 3 s
• Do not perform wave soldering.
Recommended soldering pattern
1.65
1.15
2.41
Unit: mm
1.65
(*)
60~120 s max
10 s max
240
°C max
4
°C/s max
140~160
°C max
4
°C/s max
Time (s)
Temperature profile (example)
(*)
(*)
(*)
(*)
(*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com