Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPPC-9151F-RA Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPPC-9151F-RA
Description  Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-9151F-RA Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPPC-9151F-RA Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-9151F-RA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2-7
www.advantech.com/products
Online Download
Dimensions
Unit: mm
10
ICOM
9
Motion Control
8
ADAM-3000
7
cPCI
6
DA&C
5
ATM & AWS
4
FPM
3
TPC
2
IPPC
1
Software
11
Industrial Networking
12
UNO13
ADAM-4000
14
ADAM-5000
15
ADAM-6000
16
ADAM-8000
17
BAS
Accessories
IPPC-9151 Rack-MT
Mounting kit for standard 19" industrial rack
CDR-9151-COMBO
Slim type Combo CD-ROM
Notes:
1. When used in a panel mounted environment, the panel’s thickness can not be over
10 mm.
IPPC-9151G
Flat-Sealed Front Panel (IPPC-9151F-XA)
The flat-sealed front panel of IPPC-9151F-XA (shown above left), is designed for minimum
projection in panel mounts. This ensures easier liquid run-off, prevents dirty edges, and
is useful in applications where hygiene is crucial (e.g. food processing).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com