Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS14M
Description  1.0Amp Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS14M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS14M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS14M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:E10
RATINGS AND CHARACTERISTIC CURVES (SS13M/SS14M/SS16M)
Fig.1 Maximum Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
Lead Temperature (
oC)
Fig. 2 Maximum Forward Surge Current
0
10
20
30
40
1
10
100
Number of Cycles at 60 Hz
8.3ms Single Half
Sine-Wave
Fig. 5 Typical Reverse Characteristics - SS13M/14M
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage.(%)
Ta=25℃
Ta=125℃
Ta=150℃
Fig. 3 Typical Forward Characteristics - SS13M/14M
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Voltage (V)
Ta=150℃
Ta=125℃
Ta=25℃
Fig. 4 Typical Forward Characteristics - SS16M
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Voltage (V)
Ta=25℃
Ta=125℃
Ta=150℃
Fig. 6 Typical Reverse Characteristics - SS16M
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage.(%)
Ta=150℃
Ta=125℃
Ta=25℃
TL Measured
at the Cathode Band Terminal
Resistive or Inductive Load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com