2 / 2 page

www.advantech.com/products
Online Download
Dimensions
Unit: mm (inches)
A: Line-in/Line-out/Mic-in
B: USB 2.0 x 4
C: 10/100Base-T Ethernet
D: VGA port
Feature Details
Protection
To meet the requirements of a public environment, the front panel of PPC-154T complies
with the IP65/NEMA 4 protection standards. Furthermore, the watchdog timer and
power management features make the system secure and stable. The onboard hardware
monitoring feature provides automatic protection that prevents the CPU from becoming
overheated.
Networking
Two serial ports and a 10/100Base-T Ethernet port (Gigabit optional) give the
PPC-154T advanced networking capabilities, and provide a great solution for versatile
applications.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC-
154T's modular design. In order to replace a defective LCD or touchscreen, one merely
needs to remove the front cover and LCD bracket instead of disassembling the whole
system.
Touchscreen Options
Customers can choose from three optional types of touchscreens: Resistive change to
Infrared capacitive and SAW (Surface Acoustic Wave). These options make the PPC-154T
a more user-friendly interface for different environments.
PPC-154T-EPCE
A
B
C
D
E
F
G
H
Fully Integrated I/O
E: Com port x 2
F: PS/2 mouse & keyboard
G: AC inlet
H: Power Switch
391
420
130.5
118.5
12
2.4