Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC-L127T Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-L127T
Description  12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L127T Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-L127T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L127T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
PPC-L127T
Fully-Integrated I/O
A. Main power switch
B. USB 2.0 x 4
C. Ethernet jack
D. PS/2 mouse and keyboard
E. VGA port
F. PCI/ISA expansion slot cover
G. DC inlet
H. Line-in jack
I. Line-out jack
J. Mic-in jack
K. Parallel port
L. Serial ports
M. Battery door cover
Ordering Information
Part No.
Description
PPC-L127T-080-XE
Intel ULV Celeron M only for processor-based
Fanless Panel Computer with 12.1" TFT LCD
PPC-L127T-R80-XE
PPC-L127T-080 with Resistive Touch screen
PPC-L127T-CE-RTE
PPC-L127T with Windows CE.Net 6.0 on 128 MB
CompactFlash
Accessories
Part No.
Description
PPC-ARM-A03
VESA standard ARM for PPC series
PPC-EXP-L127E
PCI/ISA Expansion kit for PPC-L127T
PPC-L126 WL-MT
Wall Mount Kit for PPC-L126T
PPC-L126Rack-MT
19" Rack Mounting Kit for PPC-L126
PS-DC19-L60
19V DC power adapter module for PPC-L60/L127
989KL12710E
Combo ASS'Y Kit for PPC-L127T
989KL12711E
CD-ROM ASS'Y Kit for PPC-L127T
989KL12709E
Wireless LAN Module for PPC-L127T
989KL12712E
DVD-RW ASS'Y for PPC-L127T
1700001524
Power cable 3P/3P power supply 1.8 M FPM-306
170203183C
Power CABLE 3P Europe (WS-010 + 083) 183 cm
1760000837
Smart Li-ion 3S2P 11.1V 4400mAh-LTC4006/ L127
A B
C
D
E
F
G
H I J
K
L
M
Environmental Specifications
Operating Temperature
0-50° C (32-112° F); 0-40° C With Battery Pack
Storage Temperature
-20 ~ 60° C
Relative Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock
10 G peak acceleration (11 msec. duration)
EMC
BSMI, CE, FCC Class B
Safety
CB, CCC, BSMI, UL
Vibration
1 G
Specifications
309.5
180
316
M4 Tap. isonly for front mount.
cutout
308.01
340.5
10
60.5
M4 Tap.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com