Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC-EXP-L106 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-EXP-L106
Description  10.4 Fanless Panel PC with AMD Geode??LX 800 (500 MHz) Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-EXP-L106 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-EXP-L106 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-EXP-L106 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
Fully-Integrated I/O
A
B
C
D
E
F
G
H
I
J
PPC-L106T
Feature Details
Various applications for the PPC-L106T
PPC-L106T’s back panel I/O and integrated all-in-one single board computer make it the
ideal choice to control a dedicated system in a wide variety of applications. Applications
include:
 Control or data entry operator interfaces
 Information management and retrieval terminals
 Entertainment management systems
 Point of sale (POS) terminals
 Banking/office automation
Slim and compact PC terminal with LCD
The PPC-L106T is the most versatile 10.4" LCD PC available. The slim chassis fits
anywhere and can be mounted in several different configurations. It can be panel mounted,
wall mounted or placed upright on a desktop. Integrating the PPC-L106T into a custom
system is made simple through its open-system design and comprehensive back panel
I/O interface.
Ordering Information
Part No.
Description
PPC-L106T-070-XE
AMD Geode LX 800 500 MHz processor-based fanless
Panel PC with 10.4 TFT LCD (Built-in 256 MB DRAM)
PPC-L106T-070-XE with resistive touchscreen
PPC-L106T-R70-XE
PPC-L106T-070-XE with resistive touchscreen
PPC-L106T-CE-RTE
PPC-L106T with Windows CE.NET (English) on 64 MB
CompactFlash
PPC-105 Rack MT
19" Rack Mounting kit for PPC-103/105/L106T
PPC-ARM-A03
VESA Standard ARM for PPC series
PPC-174 WL-MT
Wall mount kit for PPC-174T
PPC-EXP-L106
PCI/ISA expansion kit for PPC-L106T
989KL12709E
Wireless LAN module for PPC-L127, PPC-L106
1702002600
POWER Cable UL/CSA (USA) 180D 125V10A 1.83M
1702002605
POWER CABLE 90D 220VEUROPEAN 250V/6A (FRANCE1.8M)
A. Power switch
B. Parallel port
C. PS/2 mouse & keyboard
D. Mic-in/Line-out
E. AC inlet
F. COM ports
G. COM ports
H. VGA port
I. USB ports V2.0
J. Ethernet
Environmental
Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
Relative Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock (Operating)
10 G peak acceleration (11 ms. duration)
EMC
CE, FCC Class B, BSMI
Safety
UL, CE, 3C, BSMI
Front Panel Protection
IP65/NEMA 4 compliant
Vibration
1 G
Specifications
342.00 (13.5”)
310.00 (12.2”)
315.00 (12.4”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com