Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC-6000 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PC-6000
Description  Full-Motion H.264 Digital Video and Audio Surveillance Kit 16 Channel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PC-6000 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PC-6000 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Video Surveillance
All product specifications are subject to change without notice
Last updated : 7-Feb-2007
PV-2200E
Full-Motion H.264 Digital Video and
Audio Surveillance Kit 16 Channel
 16 channel video input
 8 channel audio input
 Display speed: 480/400 fps (NTSC/PAL)
 Recording speed: 480/400 fps (NTSC/PAL)
 Compression: H.264 (Hardware compression)
 Adjustable resolution: CIF, Half D1, D1
 16 DI/16 DO (optional)
 Max recording rate: 960/800 fps (NTSC/PAL) with 2 cards
Introduction
The PV-2200E is a digital video and audio surveillance kit with high-compression-ratio H.264 hardware. It supports 16 video and 16 audio inputs at 2CIF resolution with full-motion
recording. You can expand this up to 32 ports while retaining the highest picture quality and video performance. The PV-2200E is the application-ready digital video surveillance
card with PowerView application software that delivers high expansion and integration capabilities and a user friendly interface. PowerView 6000 software provides integrated digital
recording, network monitoring, video backup, alarm notification and security control. Power Center Professional and Backup Center software are optional extensions.
Specifications
Input Type
D-Type
Video Inputs
16 Channels
Audio Input
16 Channels
Recording Rate
480/400 fps (NTSC/PAL)
Display Rate
480/400 fps (NTSC/PAL)
DI / DO
16/16 (optional DIO module)
Video Resolution
CIF, half D1; D1 (video input will down to 8 channels)
Compression Format
H.264 (Hardware Compression)
Host Interface
PCI v2.2
Dimensions
210 x 108 mm (8.3" x 4.3")
Temperature
-10 ~ 60° C, Operating
Max Card Stack
2 cards in a computer system
Max Recording Rate
960/800 fps (NTSC/PAL)
Application Version
PowerView 6000
Ordering Information
Part Number
Description
PV-2200-A1E
Full-Motion H.264 Digital Video and Audio Surveillance
Kit 16 channel with PowerView 6000 Application
Options
Part Number
Description
ADAM 4520
Isolated RS-232 to 422/485 Converter
ADAM 4055
8 channel Isolated Digital Input and Output Module
PC-6000
Power Center Professional: Central Monitoring System
(Software copy for PowerView 6000)
Packing List
Capture Card
X 1
User Manual
X 1
Video and Audio Cable (D-Type)
X 2
Internal Audio Cable
X 1
Internal Audio Connection Cable
X 1
Utility CD
X 1


Similar Part No. - PC-6000

ManufacturerPart #DatasheetDescription
logo
Amphenol LTW
PC-000505-0MF-CSB01 LTW-PC-000505-0MF-CSB01 Datasheet
27Mb / 48P
NMEA 2000 Marine Network Solutions
logo
BLOCK Transformatoren-E...
PC-0124-050-0 BLOCK-PC-0124-050-0 Datasheet
205Kb / 5P
Primary switched mode power supply, PC 1AC
PC-0148-050-0 BLOCK-PC-0148-050-0 Datasheet
392Kb / 2P
Single phase, primary switched mode power supply
logo
Multicomp Pro
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
More results

Similar Description - PC-6000

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25838 CONEXANT-CX25838 Datasheet
202Kb / 2P
8-Channel Audio/Video Decoder for Surveillance Systems
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
Multichannel H.264 Audio/Video Codec
June 21, 2013
logo
Advantech Co., Ltd.
DVP-7015HE ADVANTECH-DVP-7015HE Datasheet
612Kb / 2P
1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
143Kb / 2P
Multichannel H.264 Audio/Video Codec
July 31, 2015
logo
Renesas Technology Corp
TW2809C1 RENESAS-TW2809C1 Datasheet
3Mb / 130P
Multichannel H.264 Audio/Video Codec
TW2819 RENESAS-TW2819 Datasheet
245Kb / 2P
Multichannel H.264 Audio/Video Codec
logo
Moxa Inc.
461A MOXA-461A Datasheet
895Kb / 6P
Superior video performance, 1-channel H.264/MJPEG industrial video encoders
logo
Advantech Co., Ltd.
DVP-7634HE ADVANTECH-DVP-7634HE Datasheet
714Kb / 2P
4ch Full HD H.264 PCIe Video Capture Card with SDK
27-Jun-2018
logo
Renesas Technology Corp
TW2809C RENESAS-TW2809C Datasheet
4Mb / 130P
Multichannel H.264 Audio/Video Codec
February 27, 2014
logo
Advantech Co., Ltd.
MOS-4140V ADVANTECH-MOS-4140V Datasheet
1Mb / 2P
1-ch Full HD H.264 MiniPCIe Video Capture Card iDoor Module
11-Aug-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com