Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCLT3-8BT8 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SCLT3-8BT8
Description  Protected digital input termination with serialized state transfer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCLT3-8BT8 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SCLT3-8BT8 Datasheet HTML 15Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 16Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 17Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 18Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 19Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 20Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 21Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 22Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
SCLT3-8BT8
Functional description
Doc ID 15191 Rev 3
19/33
Table 9.
DC electrical characteristics(1)
Symbol
Pin
Name
Conditions
Min.
Typ.
Max.
Unit
Input current limitation
ILIM
IN
Input limiting current
VIN = 5.5 to 26 V
VCC = 19 V to 30 V
TAMB = -25 to + 85 °C
2.12.352.6
mA
VLOW
IN
Low current input voltage
IIN = 100 µA, RI = 0 Ω
-2.6
3
V
VLIM TH
IN
Current limiter activation
voltage
IIN = 95 % x ILIM_TYP
(2)
-8.5
-
V
Input and supply protection
VCL
IN, VC
Clamping voltage
IIN= 7 mA, tP=1 ms,
RREF open
32.0
38.8
46.0
V
Input state operation
VON
IN
On state input voltage
TAMB = -25 to + 85 °C
(3)
Iin = Ioff = 1.5 A
5-
-
V
VTH_ON
IN
Input on state threshold
RI = 2.2 kΩ, OFF to ON
4.5
4.75
5
V
VTH_OFF
IN
Input off state threshold
RI = 2.2 kΩ, ON to OFF
3.5
3.75
4
V
VOFF
IN
Maximum Off state voltage TAMB = -25 to + 85 °C
(4)
2.933.4
V
ION
LDI
On state LED current
VI = 11 V
2.0
2.25
2.6
mA
Input digital filter
tOSC
OSC
Oscillator period
ROSC = 51 kΩ
1.17
1.25
1.33
µs
ROSC = 1200 kΩ
22
25
27
µs
ROSC
OSC
Oscillator resistance
51
1200
k
Ω
tCKF
-
CKF period
DVR = VDD
64 x tOSC
DVR = COMS
8 x tOSC
tFT
IN
Filtering time
2xtCKF
3xtCKF
Power supply circuit
VRSON
VC
Power on supply voltage
TAMB = - 25 to + 85 °C
8
8.5
9
V
VRSOFF
VC
Power off supply voltage
TAMB = - 25 to + 85 °C
7.5
8.1
8.5
V
IC
VC
Supply current
VCC = 30 V,
VDD , MISO, /MISO open
1.2
1.6
2.3
mA
VDD
VDD
Internal supply voltage
IDD= 10 mA, CDD = 33 nF,
RC = 500 Ω,
TAMB = - 25 to + 85 °C
4.555.5
V
Internal supply voltage
IDD= 4 mA, CDD = 33 nF
TAMB = - 25 to + 85 °C
4.75
5
5.25
V
Over temperature alarm
TON
IN
Thermal alarm activation
-
148
-
°C
TOFF
IN
Thermal alarm release
-
135
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com