Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBCUSB2AA5M Datasheet(PDF) 1 Page - Dubilier

Part # DBCUSB2AA5M
Description  cable assemblies USB 2.0 Moulded Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCUSB2AA5M Datasheet(HTML) 1 Page - Dubilier

  DBCUSB2AA5M Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
231
CablE aSSEmblIES
uSb 2.0 mOulDED lEaDS
ORDERING INFORMATION
PC and Mac compatible
Fully compatible with USB 2.0 specification
Transfer rates 40 times faster 480mbps than USB 1.1
Various cable lengths available
SPECIFICATION
OUTLINE DRAWING
Conductor Material:
Tinned Copper
Wire Gauge:
Caries depending on cable length
Shield Material:
Tinned Copper, coverage 65% minimum
Jacket Material:
PVC
Jacket Thickness:
0.23mm min average
Jacket Outer Dimension:
5.20 ±0.15mm
43.65±0.5
12.25±0.3
L ±0.2m/m
A
A
43.65±0.5
43.65±0.5
12.25±0.3
L ±0.2m/m
A
B
4 3 2 1
7 REF
2.5 REF
2 REF
Contact
Housing
15±0.2
7.5±0.3
1 2
4 3
Shell
Overmould
SIDE VIEW
END VIEW SCALE 2:1
Shell
Overmould
SIDE VIEW
END VIEW
11
8
10.22 7.26
2.5 REF
DBC
USB2
AA
Dubilier
Connectors
USB
Style
AA = A-A Style
AB = A-B Style
Cable Length
0.5M = 0.5 metres
1M = 1 metre
1.5M = 1.5 metres
2M = 2 metres
2.5M = 2.5 metres
3M = 3 metres
4M = 4 metres
5M = 5metres
3M


Similar Part No. - DBCUSB2AA5M

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCUSB2AA5M DUBILIER-DBCUSB2AA5M Datasheet
144Kb / 1P
CABLE ASSEMBLIES USB 2.0 MOULDED LEADS
More results

Similar Description - DBCUSB2AA5M

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC5EPLB3M DUBILIER-DBC5EPLB3M Datasheet
67Kb / 1P
CAT5E MOULDED PATCH LEADS
DBCMDL3PFE2M DUBILIER-DBCMDL3PFE2M Datasheet
88Kb / 1P
cable assemblies Mini Din. moulded leads
DBC5EPLB3M DUBILIER-DBC5EPLB3M_11 Datasheet
126Kb / 1P
CABLE ASSEMBLIES CAT5E MOULDED PATCH LEADS
DBCMDL7PFE2M DUBILIER-DBCMDL7PFE2M_11 Datasheet
167Kb / 1P
CABLE ASSEMBLIES MINI DIN. MOULDED LEADS
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M_11 Datasheet
144Kb / 1P
CABLE ASSEMBLIES USB 2.0 MOULDED LEADS
logo
Glenair, Inc.
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
USB 2.0 Cable
logo
List of Unclassifed Man...
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
USB 2.0 Cable
logo
TE Connectivity Ltd
501-60090 TEC-501-60090 Datasheet
310Kb / 7P
Sliver 2.0 Cable Assemblies
logo
Bel Fuse Inc.
67U2AC-003-K BEL-67U2AC-003-K Datasheet
561Kb / 2P
IP67 USB Type-A Cable Assemblies
logo
Molex Electronics Ltd.
48391 MOLEX-48391 Datasheet
2Mb / 5P
USB 3.0 Connectors and Cable Assemblies
Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com