Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2942CDCB Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2942CDCB
Description  Battery Gas Gauge with Temperature, Voltage Measurement
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2942CDCB Datasheet(HTML) 2 Page - Linear Technology

  LTC2942CDCB Datasheet HTML 1Page - Linear Technology LTC2942CDCB Datasheet HTML 2Page - Linear Technology LTC2942CDCB Datasheet HTML 3Page - Linear Technology LTC2942CDCB Datasheet HTML 4Page - Linear Technology LTC2942CDCB Datasheet HTML 5Page - Linear Technology LTC2942CDCB Datasheet HTML 6Page - Linear Technology LTC2942CDCB Datasheet HTML 7Page - Linear Technology LTC2942CDCB Datasheet HTML 8Page - Linear Technology LTC2942CDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2942
2
2942f
Supply Voltage (SENSE+)............................. –0.3V to 6V
SCL, SDA, AL/CC ......................................... –0.3V to 6V
SENSE– .................................. –0.3V to (VSENSE+ + 0.3V)
Operating Ambient Temperature Range
LTC2942C ................................................ 0°C to 70°C
LTC2942I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 2)
TOP VIEW
SENSE–
AL/CC
SDA
SENSE+
GND
SCL
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
4
5
7
GND
6
3
2
1
TJMAX = 150°C, θJA = 120°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB OR LEFT FLOATING
ORDER INFORMATION
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Requirements
VSENSE+
Supply Voltage
2.7
5.5
V
ISUPPLY
Supply Current (Note 3)
Battery Gas Gauge On, ADC Sleep
l
70
100
μA
Battery Gas Gauge On, ADC Converting Voltage
l
300
350
μA
Battery Gas Gauge On, ADC Converting Temperature
l
350
420
μA
Shutdown
l
2.5
μA
Shutdown, VSENSE+ ≤ 4.2V
1
μA
VUVLO
Undervoltage Lockout Threshold
VSENSE+ Falling
l
2.5
2.6
2.7
V
Coulomb Counter
VSENSE
Sense Voltage Differential Input
Range
VSENSE+ – VSENSE–
l
±50
mV
RIDR
Differential Input Resistance,
Across SENSE+ and SENSE–
(Note 8)
400
kΩ
qLSB
Charge LSB (Note 4)
Prescaler M = 128 (Default), RSENSE = 50mΩ
0.085
mAh
TCE
Total Charge Error (Note 5)
10mV ≤ |VSENSE| ≤ 50mV DC
±1
%
10mV ≤ |VSENSE| ≤ 50mV DC, VSENSE + ≤ 4.2V
l
±1.5
%
1mV ≤ |VSENSE| < 50mV DC (Note 8)
l
±3.5
%
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2942CDCB#TRMPBF
LTC2942CDCB#TRPBF
LDVN
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC2942IDCB#TRMPBF
LTC2942IDCB#TRPBF
LDVN
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com