Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100C4H6B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F100C4H6B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C4H6B Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F100C4H6B Datasheet HTML 1Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 2Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 3Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 4Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 5Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 6Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 7Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 8Page - STMicroelectronics STM32F100C4H6B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2010
Doc ID 16455 Rev 2
1/84
1
STM32F100x4 STM32F100x6
STM32F100x8 STM32F100xB
Low & medium-density value line, advanced ARM-based 32-bit MCU
with 16 to 128 KB Flash, 12 timers, ADC, DAC & 8 comm interfaces
Features
■ Core: ARM 32-bit Cortex™-M3 CPU
– 24 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance
– Single-cycle multiplication and hardware
division
■ Memories
– 16 to 128 Kbytes of Flash memory
– 4 to 8 Kbytes of SRAM
■ Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR and programmable voltage
detector (PVD)
– 4-to-24 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC
– PLL for CPU clock
– 32 kHz oscillator for RTC with calibration
■ Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
■ Debug mode
– Serial wire debug (SWD) and JTAG
interfaces
■ DMA
– 7-channel DMA controller
– Peripherals supported: timers, ADC, SPIs,
I2Cs, USARTs and DACs
■ 1 × 12-bit, 1.2 µs A/D converter (up to 16
channels)
– Conversion range: 0 to 3.6 V
– Temperature sensor
■ 2 × 12-bit D/A converters
■ Up to 80 fast I/O ports
– 37/51/80 I/Os, all mappable on 16 external
interrupt vectors and almost all 5 V-tolerant
■ Up to 12 timers
– Up to three 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter
– 16-bit, 6-channel advanced-control timer:
up to 6 channels for PWM output, dead
time generation and emergency stop
– One 16-bit timer, with 2 IC/OC, 1
OCN/PWM, dead-time generation and
emergency stop
– Two 16-bit timers, each with
IC/OC/OCN/PWM, dead-time generation
and emergency stop
– 2 watchdog timers (Independent and
Window)
– SysTick timer: 24-bit downcounter
– Two 16-bit basic timers to drive the DAC
■ Up to 8 communication interfaces
– Up to two I2C interfaces (SMBus/PMBus)
– Up to 3 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 2 SPIs (12 Mbit/s)
– Consumer electronics control (CEC)
interface
■ CRC calculation unit, 96-bit unique ID
■ ECOPACK® packages
Table 1.
Device summary
Reference
Part number
STM32F100x4
STM32F100C4, STM32F100R4
STM32F100x6
STM32F100C6, STM32F100R6
STM32F100x8
STM32F100C8, STM32F100R8,
STM32F100V8
STM32F100xB
STM32F100CB, STM32F100RB,
STM32F100VB
FBGA
LQFP100 14 × 14 mm
LQFP64 10 × 10 mm
LQFP48 7 × 7 mm
TFBGA64 (5 × 5 mm)
www.st.com


Similar Part No. - STM32F100C4H6B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100C STMICROELECTRONICS-STM32F100C Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
More results

Similar Description - STM32F100C4H6B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU
17-Sep-2012
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU
19-Apr-2011
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com