Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2952CUFPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2952CUFPBF
Description  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CUFPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2952CUFPBF Datasheet HTML 1Page - Linear Technology LTC2952CUFPBF Datasheet HTML 2Page - Linear Technology LTC2952CUFPBF Datasheet HTML 3Page - Linear Technology LTC2952CUFPBF Datasheet HTML 4Page - Linear Technology LTC2952CUFPBF Datasheet HTML 5Page - Linear Technology LTC2952CUFPBF Datasheet HTML 6Page - Linear Technology LTC2952CUFPBF Datasheet HTML 7Page - Linear Technology LTC2952CUFPBF Datasheet HTML 8Page - Linear Technology LTC2952CUFPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC2952
4
2952fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = V2 = VS = 2.7V TO 28V unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Debounce Time Pins (ONT, OFFT)
IONT,OFFT
ONT/OFFT Pull-Up/Pull-Down Current
When Timer Is Active
VONT, VOFFT = 0V (Pull-Up), VONT, VOFFT = 1.5V
(Pull-Down)
l
±1.6
±2.0
±2.4
μA
tDB,ON/OFF
Internal Default On-Time/Off-Time
tDB,ON: CONT = Open, Measured Time Between
PB Low
→ EN High, tDB,OFF: Measured Time
Between PB Low
→ INT High
l
18
26
34
ms
tONT,OFFT
Additional Adjustable Turn-On/Turn-
Off Time (Note 7)
CONT = 1500pF, COFFT = 1500pF
l
10
15
20
ms
Accurate Comparator Input Pins (VM, PFI, M1, M2, KILL)
VTH_VM
VM Input Reset Threshold
Both Falling and Rising
l
0.492
0.500
0.508
V
VTH
PFI, M1, M2, KILL Input Threshold
Voltage
Falling
l
0.492
0.500
0.508
V
VHYS
PFI, M1, M2, KILL Input Hysteresis
l
515
25
mV
IIN_LKG
VM, PFI, M2, KILL Input Current
V = 0.5V
l
±0.1
μA
IM1_SRC
M1 Input Pull-Up Current
M1 = 1V
l
–1.5
–3
–5
μA
VM1(VOC)
M1 Voltage Open-Circuit
l
146
V
IM1_LKG
M1 Input Leak Current
M1 = 6V
l
±0.1
μA
Watchdog/Extend Pin (WDE)
VWDE(H,TH)
Input High Threshold Voltage
l
1.5
V
VWDE(L,TH)
Input Low Threshold Voltage
l
0.3
V
IWDE(IN,HL)
High Low Input Current (Note 8)
l
±25
μA
IWDE(IN,HZ)
Hi-Z Input Current
VWDE = 0.7V, 1.1V
l
±10
μA
Open-Drain Output Pins (G1STAT, INT, RST, PFO)
IOUT_LKG
Leakage Current
VPIN = 5V
l
±1
μA
VOL
Voltage Output Low
IPIN = 1mA
l
0.4
V
High Voltage Open-Drain Output Pin (EN)
IEN(LKG)
EN Leakage Current
VEN = 28V, EN Sink Current Off
l
±1
μA
VEN(VOL)
EN Voltage Output Low
IEN = 3mA
l
0.4
V
V1 = 1.2V and/or V2 = 1.2V, IEN = 100μA
l
0.05
0.3
V
Voltage Monitor/Watchdog Timing
tRST
Reset Timeout Period
l
140
200
260
ms
tWDE
Watchdog Timeout Period
l
1.1
1.6
2.1
s
tWDE(PW MIN)
Minimum Period Between
Consecutive Edges
l
510
μs
tVM(UV)
VM Undervoltage Detect to RST
VM Less Than VTH_VM by More Than 1%
150
μs
tPFI
PFI Delay to PFO
PFI More or Less Than VPFI_TH by More
Than 1%
150
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com