Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100V4H7B Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F100V4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100V4H7B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F100V4H7B Datasheet HTML 45Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 46Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 47Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 48Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 49Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 50Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 51Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 52Page - STMicroelectronics STM32F100V4H7B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Electrical characteristics
Doc ID 16455 Rev 2
49/84
5.3.7
Internal clock source characteristics
The parameters given in Table 23 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 8.
High-speed internal (HSI) RC oscillator
Low-speed internal (LSI) RC oscillator
Wakeup time from low-power mode
The wakeup times given in Table 25 are measured on a wakeup phase with an 8-MHz HSI
RC oscillator. The clock source used to wake up the device depends from the current
operating mode:
●
Stop or Standby mode: the clock source is the RC oscillator
●
Sleep mode: the clock source is the clock that was set before entering Sleep mode.
All timings are derived from tests performed under the ambient temperature and VDD supply
voltage conditions summarized in Table 8.
Table 23.
HSI oscillator characteristics(1)(2)
1.
Guaranteed by design, not tested in production.
2.
VDD = 3.3 V, TA = –40 to 105 °C °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
8
MHz
ACCHSI Accuracy of HSI oscillator
TA = –40 to 105 °C
–2.7
3
%
TA = –10 to 85 °C
–2
2.5
%
TA = 0 to 70 °C
–2
2.5
%
TA = 25 °C
–0.7
1
%
tsu(HSI)
HSI oscillator startup time
1
2
µs
IDD(HSI) HSI oscillator power consumption
80
100
µA
Table 24.
LSI oscillator characteristics (1)
1.
VDD = 3 V, TA = –40 to 105 °C °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
Frequency
30
40
60
kHz
tsu(LSI)
(2)
2.
Guaranteed by design, not tested in production.
LSI oscillator startup time
85
µs
IDD(LSI)
(2)
LSI oscillator power consumption
0.65
1.2
µA
Table 25.
Low-power mode wakeup timings
Symbol
Parameter
Typ
Unit
tWUSLEEP
(1)
Wakeup from Sleep mode
1.8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com