Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100V6H7B Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F100V6H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100V6H7B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F100V6H7B Datasheet HTML 25Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 26Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 27Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 28Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 29Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 30Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 31Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 32Page - STMicroelectronics STM32F100V6H7B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Pinouts and pin description
Doc ID 16455 Rev 2
29/84
90
56
A4
40
PB4
I/O FT
NJTRST
PB4 / TIM3_CH1
SPI1_MISO
91
57 C4
41
PB5
I/O
PB5
I2C1_SMBA / TIM16_BKIN
TIM3_CH2 /
SPI1_MOSI
92
58 D3
42
PB6
I/O FT
PB6
I2C1_SCL(12)/ TIM4_CH1(10)(12)
TIM16_CH1N
USART1_TX
93
59 C3
43
PB7
I/O FT
PB7
I2C1_SDA(12)/ TIM17_CH1N
TIM4_CH2(10)(12)
USART1_RX
94
60
B4
44
BOOT0
I
BOOT0
95
61
B3
45
PB8
I/O FT
PB8
TIM4_CH3(10)(12) /
TIM16_CH1(12) / CEC(12)
I2C1_SCL
96
62
A3
46
PB9
I/O FT
PB9
TIM4_CH4(10)(12) /
TIM17_CH1(12)
I2C1_SDA
97
-
-
-
PE0
I/O FT
PE0
TIM4_ETR(10)
98
-
-
-
PE1
I/O FT
PE1
99
63 D4
47
VSS_3
SVSS_3
100 64
E4
48
VDD_3
SVDD_3
1.
I = input, O = output, S = supply, HiZ= high impedance.
2.
FT= 5 V tolerant.
3.
Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower
number of peripherals that is included. For example, if a device has only one SPI, two USARTs and two timers, they will be
called SPI1, USART1 & USART2 and TIM2 & TIM 3, respectively. Refer to Table 2 on page 11.
4.
If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should
be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register).
5.
PC13, PC14 and PC15 are supplied through the power switch and since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is restricted: the speed should not exceed 2 MHz with a maximum
load of 30 pF and these IOs must not be used as a current source (e.g. to drive an LED).
6.
Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup registers even
after reset (because these registers are not reset by the main reset). For details on how to manage these IOs, refer to the
Battery backup domain and BKP register description sections in the STM32F10xxx reference manual, available from the
STMicroelectronics website: www.st.com.
7.
Unlike in the LQFP64 package, there is no PC3 in the TFBGA64 package. The VREF+ functionality is provided instead.
8.
I2C2 is not present on low-density value line devices.
9.
SPI2 is not present on low-density value line devices.
10. TIM4 is not present on low-density value line devices.
11. The pins number 2 and 3 in the VFQFPN36 package, 5 and 6 in the LQFP48 and LQFP64 packages and C1 and C2 in the
TFBGA64 package are configured as OSC_IN/OSC_OUT after reset, however the functionality of PD0 and PD1 can be
remapped by software on these pins. For more details, refer to the Alternate function I/O and debug configuration section in
the STM32F10xxx reference manual.
12. This alternate function can be remapped by software to some other port pins (if available on the used package). For more
details, refer to the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual, available
from the STMicroelectronics website: www.st.com.
Table 4.
STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com