Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3606BIDDPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3606BIDDPBF
Description  800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3606BIDDPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3606BIDDPBF Datasheet HTML 1Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 2Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 3Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 4Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 5Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 6Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 7Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 8Page - Linear Technology LTC3606BIDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3606B
5
3606bfa
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = 5V, unless otherwise noted.
Efficiency vs Load Current
Load Regulation
Line Regulation
Start-Up from Shutdown
Start-Up from Shutdown
OUTPUT CURRENT (A)
3606B G13
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.1
1
0.01
0.001
VOUT = 1.2V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
LOAD CURRENT (mA)
3606B G15
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
0
300 400 500 600 700 800
200
100
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VIN (V)
3606B G16
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VOUT = 1.8V
ILOAD = 100mA
VIN = 5V, VOUT = 3.3V
RLOAD = 7Ω
CLOAD = 4.7μF
3606B G17
RUN
2V/DIV
IL
250mA/DIV
VOUT
1V/DIV
200μs/DIV
VIN = 5V, VOUT = 3.4V
RL = NO LOAD, CL = 4.4mF
CLIM = 2200pF, ILIM = 500mA
3606B G18
RUN
2V/DIV
IIN
500mA/DIV
VOUT
2V/DIV
RLIM
1V/DIV
2ms/DIV
Average Input Current Limit
vs Temperature
Load Step
Load Step
TEMPERATURE (°C)
–50
–8
–4
–2
–6
0
6
4
2
8
75
100
50
25
0
–25
3606B G19
125
VIN = 5V
ILIM = 475mA
VIN = 5V, VOUT = 3.3V
ILOAD = 0A TO 800mA
COUT = 100μF, CF = 20pF
20μs/DIV
3606B G20
ILOAD
1A/DIV
IL
1A/DIV
VOUT
200mV/DIV
AC-COUPLED
VIN = 5V, VOUT = 1.8V
ILOAD = 80mA TO 800mA
COUT = 100μF, CF = 20pF
20μs/DIV
3606B G21
ILOAD
1A/DIV
IL
1A/DIV
VOUT
200mV/DIV
AC-COUPLED
VRLIM vs Input Current
IIN (mA)
3606B G18b
1.2
1.0
0.8
0.6
0.4
0.2
0
0
100
200
300
400
500
600
ILIM = 475mA
RLIM = 116k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com