Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3686IDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3686IDDPBF
Description  37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686IDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3686IDDPBF Datasheet HTML 2Page - Linear Technology LT3686IDDPBF Datasheet HTML 3Page - Linear Technology LT3686IDDPBF Datasheet HTML 4Page - Linear Technology LT3686IDDPBF Datasheet HTML 5Page - Linear Technology LT3686IDDPBF Datasheet HTML 6Page - Linear Technology LT3686IDDPBF Datasheet HTML 7Page - Linear Technology LT3686IDDPBF Datasheet HTML 8Page - Linear Technology LT3686IDDPBF Datasheet HTML 9Page - Linear Technology LT3686IDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3686

3686fa
Continuous Mode Waveform
TA = 25°C unless otherwise noted.
3.3VOUT Typical Minimum Input
Voltage
5VOUT Typical Minimum Input
Voltage
typicAl perForMAnce chArActeristics
Light Load Discontinuous Mode
Waveform
Fixed Frequency No Load
Waveform
ILOAD (mA)
1
0
1
2
3
4
5
6
7
10
100
1000
3686 G18
VOUT = 3.3V
L = 15µH
f = 1MHz
MODE > 0.8
MODE < 0.4
ILOAD (mA)
1
0
1
2
4
5
6
3
8
7
10
100
1000
3686 G19
VOUT = 5V
L = 22µH
f = 1MHz
MODE > 0.8
MODE < 0.4
VIN = 10V
VOUT = 3.3V
L = 6.8µH
f = 2MHz
COUT = 22µF
ILOAD = 200mA
VSW
2V/DIV
IL
200mA/DIV
200ns/DIV
3686 G20
VIN = 10V
VOUT = 3.3V
L = 6.8µH
f = 2MHz
COUT = 22µF
ILOAD = 0mA
VSW
2V/DIV
IL
200mA/DIV
200ns/DIV
3686 G22
VIN = 10V
VOUT = 3.3V
L = 6.8µH
f = 2MHz
COUT = 22µF
ILOAD = 25mA
VSW
2V/DIV
IL
200mA/DIV
200ns/DIV
3686 G21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com