Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4070IDDBPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4070IDDBPBF
Description  Li-Ion/Polymer Shunt Battery Charger System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070IDDBPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4070IDDBPBF Datasheet HTML 1Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 2Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 3Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 4Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 5Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 6Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 7Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 8Page - Linear Technology LTC4070IDDBPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4070
2
4070f
ABSOLUTE MAXIMUM RATINGS
ICC....................................................................... ±60mA
ADJ, NTC, NTCBIAS, DRV, LBO, HBO
Voltages .......................................... –0.3V to VCC + 0.3V
Operating Junction Temperature Range.. –40°C to 125°C
(Notes 1, 2)
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NTCBIAS
NTC
ADJ
HBO
VCC
DRV
LBO
GND
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS NOT INTERNALLY CONNECTED,
MUST BE SOLDERED TO PCB, GND TO OBTAIN
θJA
1
2
3
4
NTCBIAS
NTC
ADJ
HBO
8
7
6
5
VCC
DRV
LBO
GND
TOP VIEW
9
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 9) IS NOT INTERNALLY CONNECTED,
MUST BE SOLDERED TO PCB, GND TO OBTAIN
θJA
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4070EDDB#PBF
LTC4070EDDB#TRPBF
LFPD
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC4070IDDB#PBF
LTC4070IDDB#TRPBF
LFPD
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC4070EMS8E#PBF
LTC4070EMS8E#TRPBF
LTFMT
8-Lead Plastic MSOP
–40°C to 85°C
LTC4070IMS8E#PBF
LTC4070IMS8E#TRPBF
LTFMT
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Maximum Junction Temperature ......................... 125°C
Storage Temperature Range .................. –65°C to 150°C
Peak Reflow Temperature ..................................... 260°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFLOAT
Programmable Float Voltage
10μA ≤ ICC ≤ 50mA
VADJ = 0V
VADJ = Float
VADJ = VCC
l
l
l
3.96
4.06
4.16
4.0
4.1
4.2
4.04
4.14
4.24
V
V
V
ICCMAX
Maximum Shunt Current
VCC > VFLOAT
l
50
mA
ICCQ
VCC Operating Current
VHBO Low
l
450
1040
nA
ICCQLB
Low Bat VCC Operating Current
VCC = 3.1V
300
nA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range. VNTC = VCC, TJ = 25°C unless otherwise specified. Current into a pin is positive and current out of a pin is
negative. All voltages are referenced to GND unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com