Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4350IGNPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4350IGNPBF
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350IGNPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4350IGNPBF Datasheet HTML 10Page - Linear Technology LTC4350IGNPBF Datasheet HTML 11Page - Linear Technology LTC4350IGNPBF Datasheet HTML 12Page - Linear Technology LTC4350IGNPBF Datasheet HTML 13Page - Linear Technology LTC4350IGNPBF Datasheet HTML 14Page - Linear Technology LTC4350IGNPBF Datasheet HTML 15Page - Linear Technology LTC4350IGNPBF Datasheet HTML 16Page - Linear Technology LTC4350IGNPBF Datasheet HTML 17Page - Linear Technology LTC4350IGNPBF Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC4350

4350fb
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2001
LT 0310 REV B • PRINTED IN USA
relaTeD parTs
RGAIN
RSET
GAIN
RSET
IOUT
R+
R–
FB
TIMER
CT
STATUS
SB
COMP1
VCC
GATE
GND
CUV
COMP2
LTC4350
UV
OV
CP1
CP2
RP1
CG
RG
RSENSE
ROUT
CIN
COUT
CUV
VIN
24VIN
GND
VIN
24V
LOAD
GND
SB
1.5VOUT
STATUS
CONNECTOR
1.5V
LTC1629
VOS+
INTVCC
VCC
SENSE
LT1641
ON
GATE
TIMER
GND
RGAIN
RSET
GAIN
RSET
IOUT
R+
R–
FB
TIMER
CT
STATUS
SB
COMP1
VCC
GATE
GND
COMP2
LTC4350
UV
OV
CP1
CP2
RP1
CG
RG
RSENSE
ROUT
CIN
COUT
VIN
24VIN
GND
GND
SB
VOUT
STATUS
CONNECTOR
1.5V
LTC1629
VOS+
INTVCC
VCC
SENSE
LT1641
ON
GATE
TIMER
GND
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Multiple Supplies from 3V to 12V and –12V
LT1640AL/LT1640AH
Negative Voltage Hot Swap Controllers
Negative High Voltage Supplies from –10V to –80V
LT1641
Positive Voltage Hot Swap Controller
Positive High Voltage Supplies from 9V to 90V
LTC1645
2-Channel Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
LTC1646
Dual CompactPCI Hot Swap Controller
3.3V/5V Only with Precharge and Local Reset Logic
LTC1647-1/LTC1647-2 Dual Hot Swap Controllers
Dual ON Pins, Operates from 2.7V to 16.5V
LTC4211
Hot Swap Controller with Multifunction Circuit Breaker
2.5V to 16.5V Supplies and RESET Output
LTC4251
–48V Hot Swap Controller in ThinSOT™
Active Current Limiting, –15V to –100V Supplies
Figure 8. 24V to 1.5V Hot Swap Power Supply
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com