Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2473CDDPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2473CDDPBF
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2473CDDPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2473CDDPBF Datasheet HTML 4Page - Linear Technology LTC2473CDDPBF Datasheet HTML 5Page - Linear Technology LTC2473CDDPBF Datasheet HTML 6Page - Linear Technology LTC2473CDDPBF Datasheet HTML 7Page - Linear Technology LTC2473CDDPBF Datasheet HTML 8Page - Linear Technology LTC2473CDDPBF Datasheet HTML 9Page - Linear Technology LTC2473CDDPBF Datasheet HTML 10Page - Linear Technology LTC2473CDDPBF Datasheet HTML 11Page - Linear Technology LTC2473CDDPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2471/LTC2473
8
24713f
APPLICATIONS INFORMATION
After the completion of a conversion, the LTC2471/LTC2473
enters the SLEEP/NAP state and remains there until a valid
read/write is acknowledged. Following this condition, the
ADC transitions into the DATA INPUT/OUTPUT state.
While in the SLEEP/NAP state, the LTC2471/LTC2473’s
converters are powered down. This reduces the supply
current by approximately 70%. While in the NAP state the
reference remains powered up. The user can power down
both the reference and the converter by enabling the sleep
mode during the DATA INPUT/OUTPUT state. Once the next
conversion is complete with the sleep mode enabled, the
SLEEP state is entered and power is reduced to 2μA (maxi-
mum). The reference is powered up once a valid read/write
is acknowledged. The reference startup time is 12ms (if
the reference and compensation capacitor values are both
0.1μF). As the reference and compensation capacitors are
decreased, the startup time is reduced (see Figure 3), but
the transition noise increases (see Figure 4).
Power-Up Sequence
When the power supply voltage (VCC) applied to the con-
verter is below approximately 2.1V, the ADC performs a
power-on reset. This feature guarantees the integrity of
the conversion result.
When VCC rises above this critical threshold, the converter
generates an internal power-on reset (POR) signal for
approximately 0.5ms. For proper operation VDD needs
to be restored to normal operating range (2.7V to 5.5V)
before the conclusion of the POR cycle. The POR signal
clears all internal registers. Following the POR signal, the
LTC2471/LTC2473 start a conversion cycle and follow the
succession of states shown in Figure 2. The reference
startup time following a POR is 12ms (CCOMP = CREFOUT =
0.1μF). The first conversion following power-up will be
invalid if the reference voltage has not completely settled
(see Figure 3). The first conversion following power up
can be discarded using the data abort command or sim-
ply read and ignored. Depending on the value chosen for
CCOMP and CREFOUT, the reference startup can take more
than one conversion period, see Figure 3. If the startup
time is less than 1ms (1ksps output rate) or 4ms (250sps
output rate) then conversions following the first period are
accurate to the device specifications. If the startup time
exceeds 1ms or 4ms then the user can wait the appropriate
time or use the fixed conversion period as a startup timer
by ignoring results within the unsettled period. Once the
reference has settled, all subsequent conversion results
are valid. If the user places the device into the sleep mode
(SLP = 1, reference powered down) the reference will
require a startup time proportional to the value of CCOMP
and CREFOUT (see Figure 3).
Figure 4. Transition Noise RMS vs COMP and
Reference Capacitance
Figure 3. Reference Start-Up Time vs VREF and
Compensation Capacitance
CAPACITANCE (μF)
1
50
150
250
24713 F03
–50
0
100
200
0.1
0.01
0.001
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
0.001
0.01
0.1
0.0001
10
1
CAPACITANCE (μF)
24713 F04
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com