Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2473CMS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2473CMS
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2473CMS Datasheet(HTML) 5 Page - Linear Technology

  LTC2473CMS Datasheet HTML 1Page - Linear Technology LTC2473CMS Datasheet HTML 2Page - Linear Technology LTC2473CMS Datasheet HTML 3Page - Linear Technology LTC2473CMS Datasheet HTML 4Page - Linear Technology LTC2473CMS Datasheet HTML 5Page - Linear Technology LTC2473CMS Datasheet HTML 6Page - Linear Technology LTC2473CMS Datasheet HTML 7Page - Linear Technology LTC2473CMS Datasheet HTML 8Page - Linear Technology LTC2473CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2471/LTC2473
5
24713f
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs Temperature
ADC Gain Error vs Temperature
Transition Noise vs Temperature
Conversion Mode Power Supply
Current vs Temperature
Sleep Mode Power Supply
Current vs Temperature
VREF vs Temperature
(TA = 25°C, unless otherwise noted)
TEMPERATURE (°C)
15
35
24713 G04
10
20
25
30
5
0
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
–50
–10
10
–30
50
70
30
90
TEMPERATURE (°C)
–50
50
0
24713 G05
–10
30
10
20
40
–30
30
50
70
10
–10
90
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
TEMPERATURE (°C)
6
10
24713 G06
4
5
7
8
9
3
2
1
0
–50
–10
10
–30
50
70
30
90
VCC = 5.5V
VCC = 2.7V
–50
–10
10
–30
50
70
30
90
VCC = 5.5V
VCC = 2.7V
TEMPERATURE (°C)
4.0
3.9
24713 G07
3.4
3.5
3.6
3.7
3.8
3.3
3.2
3.1
3.0
VCC = 4.1V
–50
–10
10
–30
50
70
30
90
VCC = 5.5V
TEMPERATURE (°C)
350
24713 G08
150
300
250
200
100
50
0
VCC = 2.7V
VCC = 4.1V
–50
–10
10
–30
50
70
30
90
TEMPERATURE (°C)
1.2508
24713 G09
1.2502
1.2503
1.2504
1.2505
1.2506
1.2507
Integral Nonlinearity
Integral Nonlinearity
Maximum INL vs Temperature
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24713 G02
–1
0
2
–2
–3
0.25
0.75
1.25
VCC = 5.5V
TA = –45°C, 25°C, 90°C
OUTPUT RATE = 250sps
TEMPERATURE (°C)
2
6
24713 G03
–2
0
4
–4
–6
–50
–30
10
30
50
70
–10
90
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
OUTPUT RATE = 250sps
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24713 G01
–1
0
2
–2
–3
0.25
0.75
1.25
VCC = 2.7V
TA = –45°C, 25°C, 90°C
OUTPUT RATE = 250sps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com