| Electronic Components Datasheet Search |
|
MC33596FCE/R2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC33596FCE/R2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 70 page ![]() Receive Mode MC33596 Data Sheet, Rev. 4 Freescale Semiconductor 17 11.2.3.3 HEADER The HEADER defines the beginning of the message, as it is compared with the HEADER register. Its length is variable, defined by the HDL[1:0] bits. The complement of the header is also recognized as the header—in this case, output data is complemented. The header and its complement should not be part of the ID. The ID and the header are sent at the same data rate as data. 11.2.3.4 Data and EOM The data must follow the header, with no delay. The message is completed with an end-of-message (EOM), consisting of two consecutive NRZ ones or zeroes (i.e., a Manchester code violation). Even in the case of FSK modulation, data must conclude with an EOM, and not simply by stopping the RF transmission. 11.2.4 State Machine in Receive Mode When DME=1 When the strobe oscillator is enabled (SOE = 1), the receiver is continuously cycling on/off. The ID must be recognized for the receiver to stay on. Consequently, the transmitted ID burst must be long enough to include two consecutive receiver-on cycles. When the strobe oscillator is not enabled (SOE = 0), these timing constraints must be respected by the external control applied to pin STROBE. Figure 11 shows the correct detection of an ID when STROBE is controled internally using the strobe oscillator (SOE=1) or externally by the MCU (SOE=0). Figure 10. Complete Transmission with ID Detection Two different processes are possible, as determined by the values of the SOE bit. 11.2.4.1 Data Manager Enabled and Strobe Oscillator Enabled Figure 11 shows the state diagram when the data manager and the strobe oscillator are enabled. In this configuration, the receiver is controlled internally by the strobe oscillator. However, external control via the STROBE pin is still possible, and overrides the strobe oscillator command. RF Signal Receiver Status SPI Output Preamble ID ID ID ID ID Header Data EOM Data On On Time Off Off Time ID Detected On Off ID ID ID Field RF Signal Receiver Status SPI Output Preamble ID ID ID ID ID Header Data EOM Data On On Time Off Off Time ID Detected On Off ID ID ID Field |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |