Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCAE/R2 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MC33596FCAE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCAE/R2 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MC33596FCAE/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Register Description
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
35
LVDE (Low Voltage Detection Enable) enables the low voltage detection function.
0 = disabled
1 = enabled
NOTE
This bit is cleared by POR. In the event of a complete loss of the supply
voltage, LVD is disabled at power-up, but the information is not lost as the
status bit LVDS is set by POR.
CLKE (Clock Enable) controls the DATACLK output buffer.
0 = DATACLK remains low
1 = DATACLK outputs Fdataclk
Figure 25 describes configuration register 2, CONFIG2.
DSREF (Data Slicer Reference) selects the data slicer reference.
0 = Fixed reference (cannot be used in FSK)
1 = Adaptive reference (recommended for maximum sensitivity in OOK and FSK)
In the case of FSK modulation (MODU = 1), DSREF must be set.
FRM (Frequency Register Manager) enables either a user friendly access or a direct access to one
frequency register.
0 = The carrier frequency is defined by the F register
1 = The local oscillator frequency is defined by the F register.
MODU (Modulation) sets the data modulation type.
0 = On/Off Keying (OOK) modulation
1 = Frequency Shift Keying (FSK) modulation
DR[1:0] (Data Rate) configure the receiver blocks operating in base band.
•
Low-pass data filter
Table 9. Active Level of SWITCH Output Pin
SL
Receiver Function
Level on SWITCH
0
Receiving
Low
—
High
1—
Low
Receiving
High
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
DSREF
FRM
MODU
DR1
DR0
TRXE
DME
SOE
$01
Reset Value
0
0
0
1
0
0
0
0
Access
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Figure 25. CONFIG2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com