| Electronic Components Datasheet Search |
|
MPC5200VR400B Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200VR400B Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 72 page ![]() MPC5200B Data Sheet, Rev. 4 16 Freescale Semiconductor Figure 4. External Interrupt Scheme Due to synchronization, prioritization, and mapping of external interrupt sources, the propagation of external interrupts to the core processor is delayed by several IP_CLK clock cycles. The following table specifies the interrupt latencies in IP_CLK cycles. The IP_CLK frequency is programmable in the Clock Distribution Module (see Table 16). NOTES: 1) The frequency of IP_CLK depends on register settings in Clock Distribution Module. See the MPC5200B User’s Manual. Table 16. External Interrupt Latencies Interrupt Type Pin Name Clock Cycles Reference Clock Core Interrupt SpecID Interrupt Requests IRQ0 10 IP_CLK critical (cint) A4.1 IRQ0 10 IP_CLK normal (int) A4.2 IRQ1 10 IP_CLK normal (int) A4.3 IRQ2 10 IP_CLK normal (int) A4.4 IRQ3 10 IP_CLK normal (int) A4.5 Standard GPIO Interrupts GPIO_PSC3_4 12 IP_CLK normal (int) A4.6 GPIO_PSC3_5 12 IP_CLK normal (int) A4.7 GPIO_PSC3_8 12 IP_CLK normal (int) A4.8 GPIO_USB_9 12 IP_CLK normal (int) A4.9 GPIO_ETHI_4 12 IP_CLK normal (int) A4.10 GPIO_ETHI_5 12 IP_CLK normal (int) A4.11 GPIO_ETHI_6 12 IP_CLK normal (int) A4.12 GPIO_ETHI_7 12 IP_CLK normal (int) A4.13 GPIO WakeUp Interrupts GPIO_PSC1_4 12 IP_CLK normal (int) A4.15 GPIO_PSC2_4 12 IP_CLK normal (int) A4.16 GPIO_PSC3_9 12 IP_CLK normal (int) A4.17 GPIO_ETHI_8 12 IP_CLK normal (int) A4.18 GPIO_IRDA_0 12 IP_CLK normal (int) A4.19 DGP_IN0 12 IP_CLK normal (int) A4.20 DGP_IN1 12 IP_CLK normal (int) A4.21 8 GPIOs 8 GPIOs GPIO WakeUp GPIO Std IRQ0 IRQ1 IRQ2 IRQ3 PIs cint int Grouper Encoder Encoder Main Interrupt Controller CORE_CINT CORE_INT e300 Core Notes: 1. PIs = Programmable Inputs 2. Grouper and Encoder functions imply programmability in software 8 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |