Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8323E Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8323E_10 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
21
Ethernet and MII Management
Figure 7 shows the MII transmit AC timing diagram.
Figure 7. MII Transmit AC Timing Diagram
8.2.1.2
MII Receive AC Timing Specifications
Table 24 provides the MII receive AC timing specifications.
TX_CLK data clock fall VIH(max) to VIL(min)
tMTXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII transmit
timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in general,
the clock reference symbol representation is based on two to three letters representing the clock of a particular functional.
For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter convention is
used with the appropriate letter: R (rise) or F (fall).
Table 24. MII Receive AC Timing Specifications
At recommended operating conditions with OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
RX_CLK clock period 10 Mbps
tMRX
—400
—
ns
RX_CLK clock period 100 Mbps
tMRX
—40
—
ns
RX_CLK duty cycle
tMRXH/tMRX
35
—
65
%
RXD[3:0], RX_DV, RX_ER setup time to RX_CLK
tMRDVKH
10.0
—
—
ns
RXD[3:0], RX_DV, RX_ER hold time to RX_CLK
tMRDXKH
10.0
—
—
ns
RX_CLK clock rise VIL(min) to VIH(max)
tMRXR
1.0
—
4.0
ns
Table 23. MII Transmit AC Timing Specifications (continued)
At recommended operating conditions with OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
TX_CLK
TXD[3:0]
tMTKHDX
tMTX
tMTXH
tMTXR
tMTXF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com